Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1932 Datasheet (PDF) - Adafruit Industries

1932 Datasheet PDF - Adafruit Industries
Part # 1932
Download  1932 Download
File Size   192.89 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 40-pin TFT Friend - FPC Breakout with LED Backlight Driver

1932 Datasheet (PDF)

Go To PDF Page Download Datasheet
1932 Datasheet PDF - Adafruit Industries

Part # 1932
Download  1932 Click to download

File Size   192.89 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 40-pin TFT Friend - FPC Breakout with LED Backlight Driver

1932 Datasheet (HTML) - Adafruit Industries


1932 Product details

Dimensions: 25mm x 51mm x 4mm / 1" x 2" x 0.2"
Weight: 6g




Similar Part No. - 1932

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1932 ALPHAWIRE-1932 Datasheet
98Kb / 4P
Customer Specifications
12/8/2022
logo
Kendall Howard
1932-3-001-08 KENDALLHOWARD-1932-3-001-08 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
1932-3-001-08 KENDALLHOWARD-1932-3-001-08 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
1932-3-001-12 KENDALLHOWARD-1932-3-001-12 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
1932-3-001-12 KENDALLHOWARD-1932-3-001-12 Datasheet
1,005Kb / 2P
COMPACT SERIES SOHO SERVER CABINETS
More results


Similar Description - 1932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Axiomtek Co., Ltd.
GOT5840T-845 AXIOMTEK-GOT5840T-845 Datasheet
400Kb / 2P
8.4 SVGA TFT LCD display with LED backlight
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
10.4 SVGA TFT LCD display with LED backlight
GOT5152T-832 AXIOMTEK-GOT5152T-832_17 Datasheet
693Kb / 2P
15 XGA TFT LCD display with LED backlight
GOT5840T-832 AXIOMTEK-GOT5840T-832_17 Datasheet
523Kb / 2P
8.4 SVGA TFT LCD with LED backlight
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
NHD-TFT40 NEWHAVEN-NHD-TFT40 Datasheet
661Kb / 6P
40-pin TFT Breakout
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com