Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1937 Datasheet (PDF) - Adafruit Industries

1937 Datasheet PDF - Adafruit Industries
Part # 1937
Download  1937 Download
File Size   77.28 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Spy Camera for Raspberry Pi

1937 Datasheet (PDF)

Go To PDF Page Download Datasheet
1937 Datasheet PDF - Adafruit Industries

Part # 1937
Download  1937 Click to download

File Size   77.28 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Spy Camera for Raspberry Pi

1937 Datasheet (HTML) - Adafruit Industries


1937 Product details

o Camera Module Dimensions: 8.5mm x 11.3mm / .34" x .45"
o Lens Diameter: 7.4mm / .29"
o Total Length: 300mm / 11.8"
o Weight: 1.9g




Similar Part No. - 1937

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
1937 ZETEX-1937 Datasheet
226Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
logo
List of Unclassifed Man...
1937 ETC2-1937 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1937 KEYSTONE-1937 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Alpha Wire
1937-3 ALPHAWIRE-1937-3 Datasheet
408Kb / 4P
12 (65/30) AWG BC
1937/3 ALPHAWIRE-1937/3 Datasheet
408Kb / 4P
12 (65/30) AWG BC
More results


Similar Description - 1937

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com