Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2024 Datasheet (PDF) - Adafruit Industries

2024 Datasheet PDF - Adafruit Industries
Part # 2024
Download  2024 Download
File Size   88.43 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 12 x Capacitive Touch Shield for Arduino - MPR121

2024 Datasheet (PDF)

Go To PDF Page Download Datasheet
2024 Datasheet PDF - Adafruit Industries

Part # 2024
Download  2024 Click to download

File Size   88.43 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 12 x Capacitive Touch Shield for Arduino - MPR121

2024 Datasheet (HTML) - Adafruit Industries


2024 Product details

o PCB Dimensions: 53mm x 68mm x 2mm / 2.1" x 2.7" x 0.08"
o Height with Button: 5mm / 0.2"




Similar Part No. - 2024

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2024 XFMRS-2024 Datasheet
61Kb / 1P
Cypress Semiconductor
logo
Mascot AS
2024 MASCOT-2024 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
LEMO Connectors
20240 LEMO-20240 Datasheet
173Kb / 4P
B - Indoor keyed
20240 LEMO-20240 Datasheet
173Kb / 4P
B - Indoor keyed
20240 LEMO-20240 Datasheet
179Kb / 4P
B - Indoor keyed
More results


Similar Description - 2024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1250 MICROCHIP-AN1250 Datasheet
846Kb / 22P
Microchip CTMU for Capacitive Touch Applications
2009
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
Visual Communications C...
CSMS15CIC01 VCC-CSMS15CIC01 Datasheet
1Mb / 11P
Capacitive Touch Sensor Display 15.0 x 15.0 x 3.2 mm
CTHS15CIC05 VCC-CTHS15CIC05 Datasheet
594Kb / 8P
Capacitive Touch Sensor Display 15.0 x 15.0 x 11.0 mm
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
logo
List of Unclassifed Man...
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
Capacitive Touch Controller
V1.09 March 06,2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com