Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2094 Datasheet (PDF) - Adafruit Industries

2094 Datasheet PDF - Adafruit Industries
Part # 2094
Download  2094 Download
File Size   94.33 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description JTAG (2x10 2.54mm) to SWD (2x5 1.27mm) Cable Adapter Board

2094 Datasheet (PDF)

Go To PDF Page Download Datasheet
2094 Datasheet PDF - Adafruit Industries

Part # 2094
Download  2094 Click to download

File Size   94.33 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description JTAG (2x10 2.54mm) to SWD (2x5 1.27mm) Cable Adapter Board

2094 Datasheet (HTML) - Adafruit Industries


2094 Product details

o Dimensions w/components: 34mm x 24mm x 12mm / 1.3" x 0.9" x 0.5"
o Weight: 5.7g
o EagleCAD PCB Files on GitHub
o Fritzing object available in Adafruit Fritzing library




Similar Part No. - 2094

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2094 ETC2-2094 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2094 ETC2-2094 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Pulse A Technitrol Comp...
2094 PULSE-2094 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2094 HEYCO-2094 Datasheet
133Kb / 1P
Snap Bushings
logo
Belden Inc.
2094 BELDEN-2094 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results


Similar Description - 2094

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DHE-J26-15AN DDK-DHE-J26-15AN Datasheet
196Kb / 3P
1.27mm Centerline IDC Connectors for Direct Cable to PC Board Connections
logo
Molex Electronics Ltd.
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable
0260010706 MOLEX4-0260010706 Datasheet
175Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0260010806 MOLEX4-0260010806 Datasheet
175Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0260010608 MOLEX4-0260010608 Datasheet
175Kb / 2P
2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
FlashLINK JTAG programming cable for STR9
30-Jan-2007
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
logo
ATMEL Corporation
ATDH1150USB ATMEL-ATDH1150USB Datasheet
386Kb / 9P
ATF15xx CPLD JTAG ISP Download Cable
logo
PHOENIX CONTACT
0801657 PHOENIX-0801657 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-2X5
09/11/2020
logo
Trenz Electronic
TE0790-03 TRENZ-TE0790-03 Datasheet
166Kb / 3P
XMOD FTDI JTAG Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com