Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2190 Datasheet (PDF) - Adafruit Industries

2190 Datasheet PDF - Adafruit Industries
Part # 2190
Download  2190 Download
File Size   207.91 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description VERTER 5V USB Buck-Boost - 500mA from 3V-5V / 1000ma from 5V-12V

2190 Datasheet (PDF)

Go To PDF Page Download Datasheet
2190 Datasheet PDF - Adafruit Industries

Part # 2190
Download  2190 Click to download

File Size   207.91 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description VERTER 5V USB Buck-Boost - 500mA from 3V-5V / 1000ma from 5V-12V

2190 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2190

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
2190 GAMEWELL-FCI-2190 Datasheet
429Kb / 2P
TWO-ZONE PANEL
2190 GAMEWELL-FCI-2190 Datasheet
431Kb / 2P
FOUR-ZONE PANEL
logo
Heyco.
2190 HEYCO-2190 Datasheet
155Kb / 1P
Metric Snap Bushings
logo
Abbatron All Rights Res...
2190 ABBATRON-2190 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Amphenol Corporation
21900 AMPHENOL-21900 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results


Similar Description - 2190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
DS1804 MAXIM-DS1804_11 Datasheet
172Kb / 10P
Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
Operates From a Single 3V to 5V Supply
Rev 0; 8/17
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
logo
Maxim Integrated Produc...
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
Operates From a Single 3V to 5V Supply
Rev 1; 10/18
MAX22507EEVKIT MAXIM-MAX22507EEVKIT Datasheet
447Kb / 6P
Operates from a Single 3V to 5V Supply
Rev 0; 3/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com