Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2337 Datasheet (PDF) - Adafruit Industries

2337 Datasheet PDF - Adafruit Industries
Part # 2337
Download  2337 Download
File Size   82.1 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Brass M2.5 Standoffs 16mm tall - Black Plated - Pack of 2

2337 Datasheet (PDF)

Go To PDF Page Download Datasheet
2337 Datasheet PDF - Adafruit Industries

Part # 2337
Download  2337 Click to download

File Size   82.1 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Brass M2.5 Standoffs 16mm tall - Black Plated - Pack of 2

2337 Datasheet (HTML) - Adafruit Industries


2337 Product details

o Dimensions (one standoff): 16mm body x 6mm screw / 0.6" x 0.2"
o M2.5 screw size (both ends)
o Weight (one standoff): 2.5g




Similar Part No. - 2337

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
2337-2520-S RAF-2337-2520-S Datasheet
93Kb / 1P
1/2 HEX FEMALE STANDOFFS
logo
TE Connectivity Ltd
2337019-1 TEC-2337019-1 Datasheet
9Mb / 18P
STANDARD AND CUSTOM ANTENNAS FOR IOT
logo
Toshiba Semiconductor
23372012 TOSHIBA-23372012 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
23372014 TOSHIBA-23372014 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
23372113 TOSHIBA-23372113 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul-2001
More results


Similar Description - 2337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP21H72D2 E-SWITCH-34-PP21H72D2 Datasheet
72Kb / 1P
Silver Plated Brass
52-PV3SWH2B011 E-SWITCH-52-PV3SWH2B011 Datasheet
85Kb / 1P
Silver Plated Brass
52-PV3SWH2B018 E-SWITCH-52-PV3SWH2B018 Datasheet
85Kb / 1P
Silver Plated Brass
52-PV3WF2B0S0346 E-SWITCH-52-PV3WF2B0S0346 Datasheet
71Kb / 1P
Silver Plated Brass
52-PV3WF2B0SS335 E-SWITCH-52-PV3WF2B0SS335 Datasheet
143Kb / 1P
Silver Plated Brass
52-PV3WG2B018G331 E-SWITCH-52-PV3WG2B018G331 Datasheet
78Kb / 1P
Silver Plated Brass
52-PV4F2B0SS334 E-SWITCH-52-PV4F2B0SS334 Datasheet
65Kb / 1P
Silver Plated Brass
52-PV4F2G0SS325 E-SWITCH-52-PV4F2G0SS325 Datasheet
67Kb / 1P
Silver Plated Brass
52-PV4F2G0SS331 E-SWITCH-52-PV4F2G0SS331 Datasheet
81Kb / 1P
Silver Plated Brass
52-PV4F2H011 E-SWITCH-52-PV4F2H011 Datasheet
65Kb / 1P
Silver Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com