Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2340 Datasheet (PDF) - Adafruit Industries

2340 Datasheet PDF - Adafruit Industries
Part # 2340
Download  2340 Download
File Size   730.23 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Capacitive Touch HAT for Raspberry Pi - Mini Kit - MPR121

2340 Datasheet (PDF)

Go To PDF Page Download Datasheet
2340 Datasheet PDF - Adafruit Industries

Part # 2340
Download  2340 Click to download

File Size   730.23 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit Capacitive Touch HAT for Raspberry Pi - Mini Kit - MPR121

2340 Datasheet (HTML) - Adafruit Industries


2340 Product details

o 57mm x 65mm x 3mm / 2.2" x 2.6" x 0.1"
o Weight: 10g




Similar Part No. - 2340

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2340 KR-2340 Datasheet
19Kb / 1P
Bandpass Filter
logo
Heyco.
2340 HEYCO-2340 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
KR Electronics, Inc.
2340-18.75-15-50 KR-2340-18.75-15-50 Datasheet
22Kb / 2P
Bandpass Filter
2340-20-15-50 KR-2340-20-15-50 Datasheet
22Kb / 2P
Bandpass Filter
logo
Abbatron All Rights Res...
2340-2344 ABBATRON-2340-2344 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 2340

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
KIT-16987 SPARKFUN-KIT-16987 Datasheet
140Kb / 1P
SparkFun Qwiic SHIM Kit for Raspberry Pi
9??2??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
Raspberry Pi 7” Touch Screen Display
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
110061125 ETC-110061125 Datasheet
324Kb / 4P
Raspberry Pi 4B - Starter Kit - 4GB
110061131 ETC-110061131 Datasheet
286Kb / 3P
Raspberry Pi 4B - Basic Kit - 4GB
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com