Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC245 Datasheet (PDF) - STMicroelectronics

74VHC245 Datasheet PDF - STMicroelectronics
Part # 74VHC245
Download  74VHC245 Download
File Size   66.28 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS TRANSCEIVER 3-STATE

74VHC245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC245 Datasheet PDF - STMicroelectronics

Part # 74VHC245
Download  74VHC245 Click to download

File Size   66.28 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS TRANSCEIVER 3-STATE

74VHC245 Datasheet (HTML) - STMicroelectronics


74VHC245 Product details

DESCRIPTION
The 74VHC245 is an advanced high-speed CMOS OCTAL BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 4.0 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 4 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON
    CONTROL INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 245
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.9V (MAX.)
   




Similar Part No. - 74VHC245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
Octal Bidirectional Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74VHC245 STMICROELECTRONICS-74VHC245 Datasheet
308Kb / 12P
OCTAL BUS TRANSCEIVER (3-STATE)
12-Nov-2004
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Nexperia B.V. All right...
74VHC245 NEXPERIA-74VHC245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74VHC245BQ NEXPERIA-74VHC245BQ Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results


Similar Description - 74VHC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Aug-1999
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
Octal 3-STATE Bus Transceiver
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
Octal bus transceiver; 3-state
Rev. 05-25 August 2009
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com