Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24012P Datasheet (PDF) - IC MICROSYSTEMS

X24012P Datasheet PDF - IC MICROSYSTEMS
Part # X24012P
Download  X24012P Download
File Size   271.26 Kbytes
Page   14 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Serial E2PROM

X24012P Datasheet (PDF)

Go To PDF Page Download Datasheet
X24012P Datasheet PDF - IC MICROSYSTEMS

Part # X24012P
Download  X24012P Click to download

File Size   271.26 Kbytes
Page   14 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Serial E2PROM

X24012P Datasheet (HTML) - IC MICROSYSTEMS


X24012P Product details

DESCRIPTION
The X24012 is a CMOS 1024 bit serial E2PROM, internally organized as one 128 x 8 bank. The X24012 features a serial interface and software protocol allowing operation on a simple two wire bus. Three address inputs allow up to eight devices to share a common two wire bus.
Xicor E2PROMs are designed and tested for applications requiring extended endurance. Inherent data retention is greater than 100 years. The X24012 is available in eight pin DIP and SOIC packages.

FEATURES
• 2.7 to 5.5V Power Supply
• Low Power CMOS
    —Active Current Less Than 1 mA
    —Standby Current Less Than 50 ∝A
• Internally Organized 128 x 8
• Self Timed Write Cycle
    —Typical Write Cycle Time of 5 ms
• 2 Wire Serial Interface
    —Bidirectional Data Transfer Protocol
• Four Byte Page Write Operation
    —Minimizes Total Write Time Per Byte
• High Reliability
    —Endurance: 100,000 Cycles
    —Data Retention: 100 Years




Similar Part No. - X24012P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012P XICOR-X24012P Datasheet
59Kb / 14P
Serial E2PROM
X24012P-2.7 XICOR-X24012P-2.7 Datasheet
59Kb / 14P
Serial E2PROM
X24012P-3 XICOR-X24012P-3 Datasheet
59Kb / 14P
Serial E2PROM
X24012PI XICOR-X24012PI Datasheet
59Kb / 14P
Serial E2PROM
X24012PI-2.7 XICOR-X24012PI-2.7 Datasheet
59Kb / 14P
Serial E2PROM
More results


Similar Description - X24012P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
Serial E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com