Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75124 Datasheet (PDF) - Texas Instruments

SN75124 Datasheet PDF - Texas Instruments
Part # SN75124
Download  SN75124 Download
File Size   546.09 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE LINE RECEIVER

SN75124 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75124 Datasheet PDF - Texas Instruments

Part # SN75124
Download  SN75124 Click to download

File Size   546.09 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE LINE RECEIVER

SN75124 Datasheet (HTML) - Texas Instruments


SN75124 Product details

Meets or Exceeds the Requirements of
IBME System 360 Input/Output Interface
Specification
Operates From Single 5-V Supply
TTL Compatible
Built-In Input Threshold Hysteresis
High Speed . . . Typical Propagation Delay
Time = 20 ns
Independent Channel Strobes
Input Gating Increases Application
Flexibility
Designed for Use With Dual Line Driver
SN75123
Designed to Be Interchangeable With
Signetics N8T24

description
The SN75124 triple line receiver is specifically designed to meet the input/output interface specifications for IBM
System 360. It is also compatible with standard TTL logic and supply voltage levels.
The SN75124 has receiver inputs with built-in hysteresis to provide increased noise margin for single-ended
systems. An open line affects the receiver input as does a low-level input voltage, and the receiver input can
withstand a level of –0.15 V with power on or off. The other inputs are in TTL configuration. The S input must
be high to enable the receiver input. Two of the line receivers have A and B inputs that, if both are high, hold
the output low. The third receiver has only an A input that, if high, holds the output low.
See the SN751730 for new IBM 360/370 interface designs.
The SN75124 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
TRIPLE LINE RECEIVER
SN75124 TI1-SN75124 Datasheet
315Kb / 11P
TRIPLE LINE RECEIVER
SN75124D TI-SN75124D Datasheet
106Kb / 6P
TRIPLE LINE RECEIVER
SN75124D TI1-SN75124D Datasheet
315Kb / 11P
TRIPLE LINE RECEIVER
SN75124N TI-SN75124N Datasheet
106Kb / 6P
TRIPLE LINE RECEIVER
More results


Similar Description - SN75124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
Triple Line Receiver
1996 REV 5
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
Triple Line Receiver
REV 6
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
TRIPLE LINE RECEIVER
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
Triple Line Receiver
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
Triple Line Receiver
February, 2006 ??Rev. 10
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
Triple Line Receiver
January, 2002 ??Rev. 7
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
Triple Line Receiver
January, 2002 ??Rev. 7
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
Triple Line Receiver
August, 2016 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com