Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55121 Datasheet (PDF) - Texas Instruments

SN55121 Datasheet PDF - Texas Instruments
Part # SN55121
Download  SN55121 Download
File Size   557.21 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LINE DRIVERS

SN55121 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN55121 Datasheet PDF - Texas Instruments

Part # SN55121
Download  SN55121 Click to download

File Size   557.21 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LINE DRIVERS

SN55121 Datasheet (HTML) - Texas Instruments


SN55121 Product details

Designed for Digital Data Transmission
Over 50-W to 500-W Coaxial Cable, Strip
Line, or Twisted Pair
High Speed
tpd = 20 ns Maximum at CL = 15 pF
TTL Compatible With Single 5-V Supply
2.4-V Output at IOH = –75 mA
Uncommitted Emitter-Follower Output
Structure for Party-Line Operation
Short-Circuit Protection
AND-OR Logic Configuration
Designed for Use With Triple Line
Receivers SN55122, SN75122
Designed to Be Interchangeable With
Signetics N8T13

description
The SN55121 and SN75121 dual line drivers are
designed for digital data transmission over lines
having impedances from 50 to 500 W. They are
also compatible with standard TTL logic and
supply-voltage levels.
The low-impedance emitter-follower outputs of
the SN55121 and SN75121 can drive terminated
lines such as coaxial cable or twisted pair. Having
the outputs uncommitted allows wired-OR logic to
be performed in party-line applications. Output
short-circuit protection is provided by an internal
clamping network that turns on when the output
voltage drops below approximately 1.5 V. All of the
inputs are in conventional TTL configuration and
the gating can be used during power-up and
power-down sequences to ensure that no noise is
introduced to the line.
The SN55121 is characterized for operation over
the full military temperature range of –55°C to
125°C. The SN75121 is characterized for
operation from 0°C to 70°C.




Similar Part No. - SN55121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN55121 TI1-SN55121 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55121FK TI-SN55121FK Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN55121J TI-SN55121J Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN55121J TI1-SN55121J Datasheet
441Kb / 14P
DUAL LINE DRIVERS
More results


Similar Description - SN55121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
Dual Line Drivers
logo
Texas Instruments
SN55109A TI-SN55109A Datasheet
172Kb / 11P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com