Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75150 Datasheet (PDF) - Texas Instruments

SN75150 Datasheet PDF - Texas Instruments
Part # SN75150
Download  SN75150 Download
File Size   485.0 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LINE DRIVER

SN75150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75150 Datasheet PDF - Texas Instruments

Part # SN75150
Download  SN75150 Click to download

File Size   485.0 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LINE DRIVER

SN75150 Datasheet (HTML) - Texas Instruments


SN75150 Product details

Meets or Exceeds the Requirement of
TIA/EIA-232-F and ITU Recommendation
V.28
Withstands Sustained Output Short Circuit
to Any Low-Impedance Voltage Between
–25 V and 25 V
2-ms Maximum Transition Time Through the
3-V to –3-V Transition Region Under Full
2500-pF Load
Inputs Compatible With Most TTL Families
Common Strobe Input
Inverting Output
Slew Rate Can Be Controlled With an
External Capacitor at the Output
Standard Supply Voltages . . . ±12 V

description
The SN75150 is a monolithic dual line driver designed to satisfy the requirements of the standard interface
between data-terminal equipment and data-communication equipment as defined by TIA/EIA-232-F. A rate of
20 kbits/s can be transmitted with a full 2500-pF load. Other applications are in data-transmission systems using
relatively short single lines, in level translators, and for driving MOS devices. The logic input is compatible with
most TTL families. Operation is from 12-V and –12-V power supplies.
The SN75150 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
SN75150 TI1-SN75150 Datasheet
465Kb / 15P
DUAL LINE DRIVER
SN751506 TI1-SN751506 Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
SN751506FT TI1-SN751506FT Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
logo
STMicroelectronics
SN751508 STMICROELECTRONICS-SN751508 Datasheet
286Kb / 19P
DC PLASMA DISPLAY DRIVERS
24-Jun-2005
More results


Similar Description - SN75150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
DUAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
DUAL LINE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com