Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75154 Datasheet (PDF) - Texas Instruments

SN75154 Datasheet PDF - Texas Instruments
Part # SN75154
Download  SN75154 Download
File Size   636.66 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LINE RECEIVER

SN75154 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75154 Datasheet PDF - Texas Instruments

Part # SN75154
Download  SN75154 Click to download

File Size   636.66 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE LINE RECEIVER

SN75154 Datasheet (HTML) - Texas Instruments


SN75154 Product details

Meets or Exceeds the Requirements of
ANSI Standard EIA/TIA-232-E and ITU
Recommendation V.28
Input Resistance . . . 3 kW to 7 kW Over Full
EIA/TIA-232-E Voltage Range
Input Threshold Adjustable to Meet
Fail-Safe Requirements Without Using
External Components
Built-In Hysteresis for Increased Noise
Immunity
Inverting Output Compatible With TTL
Output With Active Pullup for Symmetrical
Switching Speeds
Standard Supply Voltages . . . 5 V or 12 V

description
The SN75154 is a monolithic low-power Schottky line receiver designed to satisfy the requirements of the
standard interface between data terminal equipment and data communication equipment as defined by ANSI
Standard EIA/TIA-232-E. Other applications are for relatively short, single-line, point-to-point data transmission
and for level translators. Operation is normally from a single 5-V supply; however, a built-in option allows
operation from a 12-V supply without the use of additional components. The output is compatible with most TTL
circuits when either supply voltage is used.
In normal operation, the threshold-control terminals are connected to the VCC1 terminal, even if power is being
supplied via the alternate VCC2 terminal. This provides a wide hysteresis loop, which is the difference between
the positive-going and negative-going threshold voltages. See typical characteristics. In this mode of operation,
if the input voltage goes to zero, the output voltage will remain at the low or high level as determined by the
previous input.
For fail-safe operation, the threshold-control terminals are open. This reduces the hysteresis loop by causing
the negative-going threshold voltage to be above zero. The positive-going threshold voltage remains above
zero as it is unaffected by the disposition of the threshold terminals. In the fail-safe mode, if the input voltage
goes to zero or an open-circuit condition, the output will go to the high level regardless of the previous input
condition.
The SN75154 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
QUADRUPLE LINE RECEIVER
SN75154 TI1-SN75154 Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
SN75154D TI-SN75154D Datasheet
145Kb / 9P
QUADRUPLE LINE RECEIVER
SN75154D TI1-SN75154D Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
SN75154DG4 TI1-SN75154DG4 Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
More results


Similar Description - SN75154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
QUADRUPLE LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75154 TI1-SN75154_15 Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Hitachi Semiconductor
HD75175 HITACHI-HD75175 Datasheet
45Kb / 9P
Quadruple Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com