Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C02MG Datasheet (PDF) - IC MICROSYSTEMS

X24C02MG Datasheet PDF - IC MICROSYSTEMS
Part # X24C02MG
Download  X24C02MG Download
File Size   295.02 Kbytes
Page   16 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Serial E2PROM

X24C02MG Datasheet (PDF)

Go To PDF Page Download Datasheet
X24C02MG Datasheet PDF - IC MICROSYSTEMS

Part # X24C02MG
Download  X24C02MG Click to download

File Size   295.02 Kbytes
Page   16 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description Serial E2PROM

X24C02MG Datasheet (HTML) - IC MICROSYSTEMS


X24C02MG Product details

DESCRIPTION

The X24C02 is CMOS a 2048 bit serial E2PROM, internally organized 256 x 8. The X24C02 features a serial interface and software protocol allowing operation on a simple two wire bus. Three address inputs allow up to eight devices to share a common two wire bus.



FEATURES

•2.7V to 5.5V Power Supply

•Low Power CMOS

   —Active Current Less Than 1 mA

   —Standby Current Less Than 50 ∝A

•Internally Organized 256 x 8

•Self Timed Write Cycle

   —Typical Write Cycle Time of 5 ms

•2 Wire Serial Interface

   —Bidirectional Data Transfer Protocol

•Four Byte Page Write Operation

   —Minimizes Total Write Time Per Byte

•High Reliability

   —Endurance: 100,000 Cycles

   —Data Retention: 100 Years

•New Hardwire—Write Control Function



 




Similar Part No. - X24C02MG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C02M XICOR-X24C02M Datasheet
66Kb / 16P
Serial E2PROM
X24C02M-2.7 XICOR-X24C02M-2.7 Datasheet
66Kb / 16P
Serial E2PROM
X24C02M-3 XICOR-X24C02M-3 Datasheet
66Kb / 16P
Serial E2PROM
X24C02M-3.5 XICOR-X24C02M-3.5 Datasheet
66Kb / 16P
Serial E2PROM
X24C02MI XICOR-X24C02MI Datasheet
66Kb / 16P
Serial E2PROM
More results


Similar Description - X24C02MG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com