Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75374 Datasheet (PDF) - Texas Instruments

SN75374 Datasheet PDF - Texas Instruments
Part # SN75374
Download  SN75374 Download
File Size   431.6 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE MOSFET DRIVER

SN75374 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75374 Datasheet PDF - Texas Instruments

Part # SN75374
Download  SN75374 Click to download

File Size   431.6 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE MOSFET DRIVER

SN75374 Datasheet (HTML) - Texas Instruments


SN75374 Product details

Quadruple Circuits Capable of Driving
High-Capacitance Loads at High Speeds
Output Supply Voltage Range From 5 V
to 24 V
Low Standby Power Dissipation
VCC3 Supply Maximizes Output Source
Voltage

description/ordering information
The SN75374 is a quadruple NAND interface
circuit designed to drive power MOSFETs from
TTL inputs. It provides the high current and
voltage necessary to drive large capacitive loads
at high speeds.
The outputs can be switched very close to the VCC2 supply rail when VCC3 is about 3 V higher than VCC2. VCC3
also can be tied directly to VCC2 when the source voltage requirements are lower.




Similar Part No. - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
QUADRUPLE MOSFET DRIVER
SN75374 TI-SN75374 Datasheet
344Kb / 15P
QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374 Datasheet
533Kb / 19P
QUADRUPLE MOSFET DRIVER
SN75374D TI-SN75374D Datasheet
206Kb / 13P
QUADRUPLE MOSFET DRIVER
SN75374D TI-SN75374D Datasheet
344Kb / 15P
QUADRUPLE MOSFET DRIVER
More results


Similar Description - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
QUADRUPLE LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
QUADRUPLE LINE DRIVER
SN75374 TI-SN75374_06 Datasheet
344Kb / 15P
QUADRUPLE MOSFET DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
QUADRUPLE LINE DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
QUADRUPLE MOSFET DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com