Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN754410 Datasheet (PDF) - Texas Instruments

SN754410 Datasheet PDF - Texas Instruments
Part # SN754410
Download  SN754410 Download
File Size   482.51 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN754410 Quadruple Half-H Driver

SN754410 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN754410 Datasheet PDF - Texas Instruments

Part # SN754410
Download  SN754410 Click to download

File Size   482.51 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN754410 Quadruple Half-H Driver

SN754410 Datasheet (HTML) - Texas Instruments


SN754410 Product details

1 Features
1• 1-A Output-Current Capability Per Driver
• Applications Include Half-H and Full-H Solenoid
Drivers and Motor Drivers
• Designed for Positive-Supply Applications
• Wide Supply-Voltage Range of 4.5 V to 36 V positive•
TTL- and CMOS-Compatible High-Impedance
Diode-Clamped Inputs
• Separate Input-Logic Supply
• Thermal Shutdown
• Internal ESD Protection
• Input Hysteresis Improves Noise Immunity
• 3-State Outputs
• Minimized Power Dissipation
• Sink/Source Interlock Circuitry Prevents highSimultaneous
Conduction
• No Output Glitch During Power Up or Power
Down
• Improved Functional Replacement for the SGS
L293

2 Applications
• Stepper Motor Drivers
• DC Motor Drivers
• Latching Relay Drivers

3 Description
The SN754410 is a quadruple high-current half-H
driver designed to provide bidirectional drive currents up to 1 A at voltages from 4.5 V to 36 V. The device
is designed to drive inductive loads such as relays,
solenoids, DC and bipolar stepping motors, as well as
other high-current/high-voltage loads in positive•
supply applications.
All inputs are compatible with TTL-and low-level
CMOS logic. Each output (Y) is a complete totempole
driver with a Darlington transistor sink and a
pseudo-Darlington source. Drivers are enabled in
pairs with drivers 1 and 2 enabled by 1,2EN and
drivers 3 and 4 enabled by 3,4EN. When an enable
input is high, the associated drivers are enabled and their outputs become active and in phase with their
inputs. When the enable input is low, those drivers
are disabled and their outputs are off and in a highSimultaneous
impedance state. With the proper data inputs, each
pair of drivers form a full-H (or bridge) reversible drive
suitable for solenoid or motor applications.
A separate supply voltage (VCC1) is provided for the
logic input circuits to minimize device power dissipation. Supply voltage VCC2 is used for the output
circuits.
The SN754410 is designed for operation from −40°C to 85°C.




Similar Part No. - SN754410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
SN754410NE TI-SN754410NE Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
SN754410NE TI-SN754410NE Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
SN754410NEE4 TI-SN754410NEE4 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
More results


Similar Description - SN754410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
L293D TI1-L293D_16 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com