Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75471 Datasheet (PDF) - Texas Instruments

SN75471 Datasheet PDF - Texas Instruments
Part # SN75471
Download  SN75471 Download
File Size   498.77 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PERIPHERAL DRIVERS

SN75471 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75471 Datasheet PDF - Texas Instruments

Part # SN75471
Download  SN75471 Click to download

File Size   498.77 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PERIPHERAL DRIVERS

SN75471 Datasheet (HTML) - Texas Instruments


SN75471 Product details

PERIPHERAL DRIVERS FOR
HIGH-VOLTAGE HIGH-CURRENT DRIVER
APPLICATIONS
Characterized for Use to 300 mA
High-Voltage Outputs
No Output Latch-Up at 55 V (After
Conducting 300 mA)
Medium-Speed Switching
Circuit Flexibility for Varied Applications
and Choice of Logic Function
TTL-Compatible Diode-Clamped Inputs
Standard Supply Voltages
Plastic DIP (P) With Copper Lead Frame
Provides Cooler Operation and Improved
Reliability

description
Series SN75471 dual peripheral drivers are functionally interchangeable with series SN75451B and series
SN75461 peripheral drivers, but are designed for use in systems that require higher breakdown voltages than
either of those series can provide at the expense of slightly slower switching speeds than series 75451B (limits
are the same as series SN75461). Typical applications include high-speed logic buffers, power drivers, relay
drivers, lamp drivers, MOS drivers, line drivers, and memory drivers.
The SN75471, SN75472, and SN75473 are dual peripheral AND, NAND, and OR drivers, respectively,
(assuming positive logic), with the output of the logic gates internally connected to the bases of the npn output
transistors.
Series SN75471 drivers are characterized for operation from 0°C to 70°C.




Similar Part No. - SN75471

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75471 TI1-SN75471 Datasheet
832Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75471D TI-SN75471D Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75471D TI1-SN75471D Datasheet
832Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75471DR TI1-SN75471DR Datasheet
832Kb / 14P
DUAL PERIPHERAL DRIVERS
More results


Similar Description - SN75471

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN75446 TI-SN75446 Datasheet
98Kb / 7P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com