Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LP1185N Datasheet (PDF) - Texas Instruments

SN75LP1185N Datasheet PDF - Texas Instruments
Part # SN75LP1185N
Download  SN75LP1185N Download
File Size   698.65 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS

SN75LP1185N Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LP1185N Datasheet PDF - Texas Instruments

Part # SN75LP1185N
Download  SN75LP1185N Click to download

File Size   698.65 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS

SN75LP1185N Datasheet (HTML) - Texas Instruments


SN75LP1185N Product details

Single-Chip TIA/EIA-232-F Interface for
IBM PC/AT Serial Port
Designed to Transmit and Receive 4-μs
Pulses (Equivalent to 256 kbit/s)
Less Than 21-mW Power Consumption
Wide Supply-Voltage Range . . . 4.75 V to
15 V
Driver Output Slew Rates Are Internally
Controlled to 30 V/μs Max
Receiver Input Hysteresis . . . 1000 mV
Typical
TIA/EIA-232-F Bus-Pin ESD Protection
Exceeds:
– 15-kV, Human-Body Model
Three Drivers and Five Receivers Meet or
Exceed the Requirements of TIA/EIA-232-F
and ITU V.28
Complements the SN75LP196
Designed to Replace the Industry-Standard
SN75185 and SN75C185 With the Same
Flow-Through Pinout
Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Dual-In-Line (N) Packages

description
The SN75LP1185 is a low-power bipolar device containing three drivers and five receivers, with 15 kV of ESD
protection on the bus pins with respect to each other. Bus pins are defined as those pins that tie directly to the
serial-port connector, including GND. The pinout matches the flow-through design of the industry-standard
SN75185 and SN75C185. The flow-through pinout of the SN75LP1185 allows easy interconnection of the
UART and serial-port connector of the IBM PC/AT and compatibles. The SN75LP1185 provides a rugged,
low-cost solution for this function with the combination of the bipolar processing and 15 kV of ESD protection.
The SN75LP1185 has internal slew-rate control to provide a maximum rate of change in the output signal of
30 V/μs. The driver output swing is nominally clamped at ±6 V to enable the higher data rates associated with
this device and to reduce EMI emissions. Even though the driver outputs are clamped, they can handle voltages
up to ±15 V without damage. All the logic inputs can accept 3.3-V or 5-V input signals.
The SN75LP1185 complies with the requirements of TIA/EIA-232-F and ITU V.28. These standards are for data
interchange between a host computer and peripheral at signaling rates up to 20 kbit/s. The switching speeds
of the SN75LP1185 support rates up to 256 kbit/s.
The SN75LP1185 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN75LP1185N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LP1185N TI-SN75LP1185N Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185N TI-SN75LP1185N Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185N TI1-SN75LP1185N Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185NE4 TI-SN75LP1185NE4 Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Similar Description - SN75LP1185N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
Jun-2000
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com