Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75477DR.A Datasheet (PDF) - Texas Instruments

SN75477DR.A Datasheet PDF - Texas Instruments
Part # SN75477DR.A
Download  SN75477DR.A Download
File Size   490.09 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PERIPHERAL DRIVERS

SN75477DR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75477DR.A Datasheet PDF - Texas Instruments

Part # SN75477DR.A
Download  SN75477DR.A Click to download

File Size   490.09 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL PERIPHERAL DRIVERS

SN75477DR.A Datasheet (HTML) - Texas Instruments


SN75477DR.A Product details

Characterized for Use to 300 mA
No Output Latch-Up at 55 V (After
Conducting 300 mA)
High-Voltage Outputs (100 V Typ)
Output Clamp Diodes for Transient
Suppression (300 mA, 70 V)
TTL- or MOS-Compatible Diode-Clamped
Inputs
pnp Transistor Inputs Reduce Input Current
Standard Supply Voltage
Suitable for Hammer-Driver Applications
Plastic DIP (P) With Copper-Lead Frame
Provides Cooler Operation and Improved
Reliability

description
The SN75476 through SN75478 are dual
peripheral drivers designed for use in systems that
require high current, high voltage, and fast
switching times. The SN75476, SN75477, and
SN75478 provide AND, NAND, and OR drivers
respectively. These devices have diode-clamped
inputs as well as high-current, high-voltage clamp
diodes on the outputs for inductive transient
protection.
The SN75476, SN75477, and SN75478 drivers
are characterized for operation from 0°C to 70°C.




Similar Part No. - SN75477DR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75477DR TI1-SN75477DR Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75477DRE4 TI1-SN75477DRE4 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
More results


Similar Description - SN75477DR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN75446 TI-SN75446 Datasheet
98Kb / 7P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com