Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LVDS84A Datasheet (PDF) - Texas Instruments

SN75LVDS84A Datasheet PDF - Texas Instruments
Part # SN75LVDS84A
Download  SN75LVDS84A Download
File Size   518.96 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FLATLINK TRANSMITTER

SN75LVDS84A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN75LVDS84A Datasheet PDF - Texas Instruments

Part # SN75LVDS84A
Download  SN75LVDS84A Click to download

File Size   518.96 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FLATLINK TRANSMITTER

SN75LVDS84A Datasheet (HTML) - Texas Instruments


SN75LVDS84A Product details

21:3 Data Channel Compression at up to
196 Million Bytes per Second Throughput
Suited for SVGA, XGA, or SXGA Data
Transmission From Controller to Display
With Very Low EMI
21 Data Channels Plus Clock In
Low-Voltage TTL Inputs and 3 Data
Channels Plus Clock Out Low-Voltage
Differential Signaling (LVDS) Outputs
Operates From a Single 3.3-V Supply and
89 mW (Typ)
Ultralow-Power 3.3-V CMOS Version of the
SN75LVDS84. Power Consumption About
One Third of the ’LVDS84
Packaged in Thin Shrink Small-Outline
Package (TSSOP) With 20 Mil Terminal
Pitch
Consumes Less Than 0.54 mW When
Disabled
Wide Phase-Lock Input Frequency Range:
31 MHz to 75 MHz
No External Components Required for PLL
Outputs Meet or Exceed the Requirements
of ANSI EIA/TIA-644 Standard
SSC Tracking Capability of 3% Center
Spread at 50-kHz Modulation Frequency
Improved Replacement for SN75LVDS84
and NSC’s DS90CF363A 3-V Device
Available in Q-Temp Automotive
High Reliability Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards

description
The SN75LVDS84A and SN65LVDS84AQ FlatLink transmitters contains three 7-bit parallel-load serial-out shift
registers, and four low-voltage differential signaling (LVDS) line drivers in a single integrated circuit. These
functions allow 21 bits of single-ended LVTTL data to be synchronously transmitted over 3 balanced-pair
conductors for receipt by a compatible receiver, such as the SN75LVDS82 or SN75LVDS86/86A.
When transmitting, data bits D0 – D20 are each loaded into registers of the ’LVDS84A upon the falling edge.
The internal PLL is frequency-locked to CLKIN and then used to unload the data registers in 7-bit slices. The
three serial streams and a phase-locked clock (CLKOUT) are then output to LVDS output drivers. The frequency
of CLKOUT is the same as the input clock, CLKIN.
The ’LVDS84A requires no external components and little or no control. The data bus appears the same at the
input to the transmitter and output of the receiver with the data transmission transparent to the user(s). The only
user intervention is the possible use of the shutdown/clear (SHTDN) active-low input to inhibit the clock and shut
off the LVDS output drivers for lower power consumption. A low-level on this signal clears all internal registers
to a low level.
The SN75LVDS84A is characterized for operation over ambient free-air temperatures of 0°C to 70°C. The
SN65LVDS84AQ is characterized for operation over the full Automotive temperature range of –40°C to 125°C.




Similar Part No. - SN75LVDS84A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS84A TI-SN75LVDS84A Datasheet
191Kb / 14P
FLATLINKE TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A Datasheet
243Kb / 16P
FLATLINK TRANSMITTER
SN75LVDS84ADGG TI-SN75LVDS84ADGG Datasheet
191Kb / 14P
FLATLINKE TRANSMITTER
SN75LVDS84ADGG TI-SN75LVDS84ADGG Datasheet
243Kb / 16P
FLATLINK TRANSMITTER
SN75LVDS84ADGG TI1-SN75LVDS84ADGG Datasheet
546Kb / 17P
FLATLINK田?TRANSMITTER
More results


Similar Description - SN75LVDS84A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
FLATLINK TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
FLATLINK??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
FLATLINK??TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
FLATLINK??TRANSMITTER
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
FlatLink??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
FlatLink TRANSMITTER
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
FlatLink Transmitter
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
FLATLINK TRANSMITTER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
FlatLink Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com