Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4184 Datasheet (PDF) - Texas Instruments

SRC4184 Datasheet PDF - Texas Instruments
Part # SRC4184
Download  SRC4184 Download
File Size   597.26 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel, Asynchronous Sample Rate Converter

SRC4184 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRC4184 Datasheet PDF - Texas Instruments

Part # SRC4184
Download  SRC4184 Click to download

File Size   597.26 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel, Asynchronous Sample Rate Converter

SRC4184 Datasheet (HTML) - Texas Instruments


SRC4184 Product details

FEATURES
AUTOMATIC SENSING OF INPUT-TO-OUTPUT
SAMPLING RATIO
WIDE INPUT-TO-OUTPUT SAMPLING RANGE:
16:1 to 1:16
SUPPORTS INPUT AND OUTPUT SAMPLING
RATES UP TO 212kHz
DYNAMIC RANGE: 128dB (−60dbFS Input,
BW = 20Hz to fs/2, A-Weighted)
THD+N: −125dB (0dbFS Input, BW = 20Hz to fs/2)
HIGH-PERFORMANCE, LINEAR PHASE DIGITAL
FILTERING
FLEXIBLE AUDIO SERIAL PORTS:
− Master or Slave Mode Operation
− Supports I2S, Left-Justified, Right-Justified,
and TDM Data Formats
− TDM Mode Allows Daisy-Chaining of Up to
Four Devices
SUPPORTS 24-, 20-, 18-, or 16-BIT INPUT AND
OUTPUT DATA:
− All Output Data is Dithered from the Internal
28-Bit Data Path
SERIAL PERIPHERAL INTERFACE (SPI) PORT
SUPPORTS REGISTER READ AND WRITE
OPERATIONS IN SOFTWARE MODE
BYPASS MODE:
− Routes Input Port Data Directly to the Output
Port
FOUR GROUP DELAY OPTIONS FOR THE
INTERPOLATION FILTER
DIRECT DOWNSAMPLING OPTION FOR THE
DECIMATION FILTER
DIGITAL DE-EMPHASIS FILTER:
− User-Selectable for 32kHz, 44.1kHz, and
48kHz Sampling Rates
SOFT MUTE FUNCTION
PROGRAMMABLE DIGITAL OUTPUT
ATTENUATION (SOFTWARE MODE ONLY):
− 256 Steps: 0dB to −127.5dB with 0.5dB Steps
INPUT-TO-OUTPUT SAMPLING RATIO
READBACK (SOFTWARE MODE ONLY)
POWER-DOWN MODES
SUPPORTS OPERATION FROM A SINGLE +1.8V
OR +3.3V POWER SUPPLY
AVAILABLE IN A TQFP-64 PACKAGE

APPLICATIONS
DIGITAL MIXING CONSOLES
DIGITAL AUDIO WORKSTATIONS
AUDIO DISTRIBUTION SYSTEMS
BROADCAST STUDIO EQUIPMENT
GENERAL DIGITAL AUDIO PROCESSING

DESCRIPTION
The SRC4184 is a four-channel, asynchronous sample
rate converter (ASRC), designed for professional and
broadcast audio applications. The SRC4184 combines a
wide input-to-output sampling ratio with outstanding
dynamic range and ultra low distortion. The input and
output serial ports support the most common audio data
formats, as well as a time division multiplexed (TDM)
format. This allows the SRC4184 to interface to a wide
range of audio data converters, digital audio receivers and
transmitters, and digital signal processors.
The SRC4184 may be operated in Hardware mode as a
standalone pin-programmed device, with dedicated
control pins for serial port mode, audio data format, soft
mute, bypass, and digital filtering functions. Alternatively,
the SRC4184 may be operated in Software mode, where
a four-wire serial peripheral interface (SPI) port provides
access to internal control and status registers.
The SRC4184 operates from either a +1.8V core supply or
a +3.3V core supply. When operating from +3.3V, the
+1.8V required by the core logic is derived from an internal
voltage regulator. The SRC4184 also requires a digital I/O
supply, which operates from +1.65V to +3.6V. The
SRC4184 is available in a TQFP-64 package.




Similar Part No. - SRC4184

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4184 TI1-SRC4184 Datasheet
669Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAG TI1-SRC4184IPAG Datasheet
669Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAGG4 TI1-SRC4184IPAGG4 Datasheet
669Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
SRC4184IPAGR TI1-SRC4184IPAGR Datasheet
669Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results


Similar Description - SRC4184

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4184 TI1-SRC4184_08 Datasheet
669Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com