Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN888CD.A Datasheet (PDF) - Texas Instruments

SN888CD.A Datasheet PDF - Texas Instruments
Part # SN888CD.A
Download  SN888CD.A Download
File Size   642.38 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Bus-Polarity Correcting RS-485 Transceiver for E-Meters

SN888CD.A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN888CD.A Datasheet PDF - Texas Instruments

Part # SN888CD.A
Download  SN888CD.A Click to download

File Size   642.38 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Bus-Polarity Correcting RS-485 Transceiver for E-Meters

SN888CD.A Datasheet (HTML) - Texas Instruments


SN888CD.A Product details

1FEATURES
• Exceeds Requirements of EIA-485 Standard
• Bus-Polarity Correction within 76 ms
• Data Rate: 300 bps to 250 kbps
• Works with Two Configurations:
– Failsafe Resistors Only
– Failsafe and Termination Resistors
• Up to 256 Nodes on a Bus
• SOIC-8 Package for Backward Compatibility
• Bus-Pin Protection:
– ±16 kV HBM protection
– ±12 kV IEC61000-4-2 Contact Discharge
– +4 kV IEC61000-4-4 Fast Transient Burst

APPLICATIONS
• E-meters

DESCRIPTION
The SN888C is a low-power RS-485 transceiver with bus-polarity correction and transient protection. Upon
hot plug-in the device detects and corrects the bus
polarity within the first 76 ms of bus idling. On-chip
transient protection protects the device against IEC61000 ESD and EFT transients.
The SN888C is available in an SOIC-8 package. The device is characterized from –40°C to 85°C.




Similar Part No. - SN888CD.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN888CD TI1-SN888CD Datasheet
434Kb / 22P
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
SN888CDR TI1-SN888CDR Datasheet
434Kb / 22P
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
More results


Similar Description - SN888CD.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
SN888C TI1-SN888C Datasheet
434Kb / 22P
Bus-Polarity Correcting RS-485 Transceiver for E-Meters
logo
3PEAK INC.
TP485E 3PEAK-TP485E Datasheet
570Kb / 15P
±18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
Rev.A
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com