Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5186A Datasheet (PDF) - Texas Instruments

TAS5186A Datasheet PDF - Texas Instruments
Part # TAS5186A
Download  TAS5186A Download
File Size   636.2 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-Channel, 210-W, Digital-Amplifier Power Stage

TAS5186A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5186A Datasheet PDF - Texas Instruments

Part # TAS5186A
Download  TAS5186A Click to download

File Size   636.2 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-Channel, 210-W, Digital-Amplifier Power Stage

TAS5186A Datasheet (HTML) - Texas Instruments


TAS5186A Product details

FEATURES
· Total Output Power @ 10% THD+N
– 5×30 W @ 6 W + 1×60 W @ 3 W
· 105-dB SNR (A-Weighted)
· 0.07% THD+N @ 1 W
· Power Stage Efficiency > 90% Into
Recommended Loads (SE)
· Integrated Self-Protection Circuits
– Undervoltage
– Overtemperature
– Overload
– Short Circuit
· Integrated Active-Bias Control to Avoid DC
Pop
· Thermally Enhanced 44-Pin HTSSOP Package
· EMI-Compliant When Used With
Recommended System Design

APPLICATIONS
· DVD Receiver
· Home Theater in a Box

DESCRIPTION
The TAS5186A is a high-performance, six-channel,
digital-amplifier power stage with an improved
protection system. The TAS5186A is capable of
driving a 6-W, singleended
load up to 30 W per each
front/satellite channel and a 3-W, single-ended
subwoofer greater than 60 W at 10% THD+N
performance.
A low-cost, high-fidelity audio system can be built
using a TI chipset comprising a modulator (e.g.,
TAS5086) and the TAS5186A. This device does not
require power-up sequencing because of the internal
power-on reset.
The TAS5186A requires only simple passive
demodulation filters on its outputs to deliver
high-quality, high-efficiency audio amplification. The
device efficiency of the TAS5186A is greater than
90% when driving 6-W satellites and a 3-W subwoofer
speaker.
The TAS5186A has an innovative protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the system. These safeguards are short-circuit protection,
overload protection, undervoltage protection, and
overtemperature protection. The TAS5186A has a
new proprietary current-limiting circuit that reduces
the possibility of device shutdown during high-level
music transients. A new programmable overcurrent
detector allows the use of lower-cost inductors in the
demodulation output filter.




Similar Part No. - TAS5186A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDV TI-TAS5186ADDV Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVG4 TI-TAS5186ADDVG4 Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVR TI-TAS5186ADDVR Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186ADDVRG4 TI-TAS5186ADDVRG4 Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
More results


Similar Description - TAS5186A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186 TI-TAS5186 Datasheet
349Kb / 17P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
6-Channel, 210-W, Digital-Amplifier Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com