Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5142DDVR.A Datasheet (PDF) - Texas Instruments

TAS5142DDVR.A Datasheet PDF - Texas Instruments
Part # TAS5142DDVR.A
Download  TAS5142DDVR.A Download
File Size   724.62 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5142DDVR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5142DDVR.A Datasheet PDF - Texas Instruments

Part # TAS5142DDVR.A
Download  TAS5142DDVR.A Click to download

File Size   724.62 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO DIGITAL AMPLIFIER POWER STAGE

TAS5142DDVR.A Datasheet (HTML) - Texas Instruments


TAS5142DDVR.A Product details

FEATURES
· 2×100 W at 10% THD+N Into 4-W BTL (1)
· 2×80 W at 10% THD+N Into 6-W BTL
· 2×65 W at 10% THD+N Into 8-W BTL
· 4×40 W at 10% THD+N Into 3-W SE
· 4×30 W at 10% THD+N Into 4-W SE
· 1×160 W at 10% THD+N Into 3-W PBTL
· 1×200 W at 10% THD+N Into 2-W PBTL (1)
· >100 dB SNR (A-Weighted)
· <0.1% THD+N at 1 W
· Two Thermally Enhanced Package Options:
– DKD (36-pin PSOP3)
– DDV (44-pin HTSSOP)
· High-Efficiency Power Stage (>90%) With
140-mW Output MOSFETs
· Power-On Reset for Protection on Power Up
Without Any Power-Supply Sequencing
· Integrated Self-Protection Circuits Including
Undervoltage, Overtemperature, Overload,
Short Circuit
· Error Reporting
· EMI Compliant When Used With
Recommended System Design
· Intelligent Gate Drive

APPLICATIONS
· Mini/Micro Audio System
· DVD Receiver
· Home Theater

DESCRIPTION
The TAS5142 is a third-generation, high-performance,
integrated stereo digital amplifier power stage
with an improved protection system. The TAS5142 is
capable of driving a 4-W bridge-tied load (BTL) at up
to 100 W per channel with low integrated noise at the
output, low THD+N performance, and low idle power
dissipation.
A low-cost, high-fidelity audio system can be built
using a TI chipset, comprising a modulator (e.g.,
TAS5508) and the TAS5142. This system only
requires a simple passive LC demodulation filter to
deliver high-quality, high-efficiency audio amplification
with proven EMI compliance. This device requires two
power supplies, at 12 V for GVDD and VDD, and at
32 V for PVDD. The TAS5142 does not require
power-up sequencing due to internal power-on reset.
The efficiency of this digital amplifier is greater than
90% into 6 W, which enables the use of smaller
power supplies and heatsinks.
The TAS5142 has an innovative protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These safeguards are short-circuit protection,
overcurrent protection, undervoltage protection, and
overtemperature protection. The TAS5142 has a new
proprietary current-limiting circuit that reduces the
possibility of device shutdown during high-level music
transients. A new programmable overcurrent detector
allows the use of lower-cost inductors in the
demodulation output filter.




Similar Part No. - TAS5142DDVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5142DDVR TI-TAS5142DDVR Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142DDVR TI-TAS5142DDVR Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142DDVRG4 TI-TAS5142DDVRG4 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142DDVRG4 TI-TAS5142DDVRG4 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Similar Description - TAS5142DDVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com