Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS0842 Datasheet (PDF) - Texas Instruments

THS0842 Datasheet PDF - Texas Instruments
Part # THS0842
Download  THS0842 Download
File Size   569.01 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT

THS0842 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS0842 Datasheet PDF - Texas Instruments

Part # THS0842
Download  THS0842 Click to download

File Size   569.01 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT

THS0842 Datasheet (HTML) - Texas Instruments


THS0842 Product details

features
Dual Simultaneous Sample and Hold Inputs
Differential or Single-Ended Analog Inputs
8-Bit Resolution 40 MSPS Sampling
Analog-to-Digital Converter (ADC)
Single or Dual Parallel Bus Output
Low Power Consumption: 275 mW Typ
Using External References
Wide Analog Input Bandwidth: 600 MHz Typ
3.3 V Single-Supply Operation
3.3 V TTL/CMOS-Compatible Digital I/O
Internal or External Bottom and Top
Reference Voltages
Adjustable Reference Input Range
Power-Down (Standby) Mode
48-Pin Thin Quad Flat Pack (TQFP)
Package

applications
Digital Communications (Baseband
Sampling)
Cable Modems
Set Top Boxes
Test Instruments

description
The THS0842 is a dual 8-bit 40 MSPS high-speed A/D converter. It alternately converts each analog input signal
into 8-bit binary-coded digital words up to a maximum sampling rate of 40 MSPS with an 80 MHz clock. All digital
inputs and outputs are 3.3 V TTL/CMOS-compatible.
Thanks to an innovative single-pipeline architecture implemented in a CMOS process and the 3.3 V supply, the
device consumes very little power. In order to provide maximum flexibility, both bottom and top voltage
references can be set from user supplied voltages. Alternately, if no external references are available, on-chip
references can be used which are also made available externally. The full-scale range is 1 Vpp, depending on
the analog supply voltage. If external references are available, the internal references can be powered down
independently from the rest of the chip, resulting in an even greater power saving.
The device is specifically suited for the baseband sampling of wireless local loop (WLL) communication, cable
modems, set top boxes (STBs), and test instruments.




Similar Part No. - THS0842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS0842 TI-THS0842 Datasheet
479Kb / 29P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
THS0842 TI1-THS0842 Datasheet
502Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
THS0842IPFB TI-THS0842IPFB Datasheet
479Kb / 29P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
THS0842IPFB TI1-THS0842IPFB Datasheet
502Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
THS0842PFB TI-THS0842PFB Datasheet
479Kb / 29P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
More results


Similar Description - THS0842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
logo
Texas Instruments
THS0842 TI-THS0842 Datasheet
479Kb / 29P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
logo
Analog Devices
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
logo
Texas Instruments
THS0842 TI1-THS0842_14 Datasheet
502Kb / 31P
DUAL-INPUT, 8-BIT, 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH SINGLE OR DUAL PARALLEL BUS OUTPUT
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com