Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1009IDA Datasheet (PDF) - Texas Instruments

THS1009IDA Datasheet PDF - Texas Instruments
Part # THS1009IDA
Download  THS1009IDA Download
File Size   373.22 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER

THS1009IDA Datasheet (PDF)

Go To PDF Page Download Datasheet
THS1009IDA Datasheet PDF - Texas Instruments

Part # THS1009IDA
Download  THS1009IDA Click to download

File Size   373.22 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER

THS1009IDA Datasheet (HTML) - Texas Instruments


THS1009IDA Product details

FEATURES
Simultaneous Sampling of Two Single-Ended
Signals or One Differential Signals or
Combination of Both
Signal-to-Noise and Distortion Ratio: 59 dB
at fI = 2 MHz
Differential Nonlinearity Error: ±1 LSB
Integral Nonlinearity Error: ±1 LSB
Auto-Scan Mode for Two Inputs
3-V or 5-V Digital Interface Compatible
Low Power: 216 mW Max at 5 V
Power Down: 1 mW Max
5-V Analog Single Supply Operation
Internal Voltage References . . . 50 PPM/°C
and ±5% Accuracy
Glueless DSP Interface
Parallel μC/DSP Interface

APPLICATIONS
Radar Applications
Communications
Control Applications
High-Speed DSP Front-End
Automotive Applications

DESCRIPTION
The THS1009 is a CMOS, low-power, 10-bit, 8 MSPS
analog-to-digital converter (ADC). The speed,
resolution, bandwidth, and single-supply operation are
suited for applications in radar, imaging, high-speed
acquisition, and communications. A multistage
pipelined architecture with output error correction logic
provides for no missing codes over the full operating
temperature range. Internal control registers allow for
programming the ADC into the desired mode. The
THS1009 consists of two analog inputs, which are
sampled simultaneously. These inputs can be selected
individually and configured to single-ended or
differential inputs. Internal reference voltages for the
ADC (1.5 V and 3.5 V) are provided. An external
reference can also be chosen to suit the dc accuracy
and temperature drift requirements of the application.
The THS1009C is characterized for operation from 0°C
to 70°C, and the THS1009I is characterized for
operation from –40°C to 85°C.




Similar Part No. - THS1009IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1009IDA TI-THS1009IDA Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1009IDA TI1-THS1009IDA Datasheet
310Kb / 31P
Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
THS1009IDAR TI-THS1009IDAR Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1009IDARG4 TI-THS1009IDARG4 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - THS1009IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10082 TI-THS10082 Datasheet
263Kb / 34P
10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com