Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1206 Datasheet (PDF) - Texas Instruments

THS1206 Datasheet PDF - Texas Instruments
Part # THS1206
Download  THS1206 Download
File Size   673.66 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS

THS1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS1206 Datasheet PDF - Texas Instruments

Part # THS1206
Download  THS1206 Click to download

File Size   673.66 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG- TO-DIGITAL CONVERTERS

THS1206 Datasheet (HTML) - Texas Instruments


THS1206 Product details

FEATURES
High-Speed 6 MSPS ADC
4 Analog Inputs
Simultaneous Sampling of 4 Single-Ended
Signals or 2 Differential Signals or
Combination of Both
Differential Nonlinearity Error: ±1 LSB
Integral Nonlinearity Error: ±1.5 LSB
Signal-to-Noise and Distortion Ratio: 68 dB
at fI = 2 MHz
Auto-Scan Mode for 2, 3, or 4 Inputs
3-V or 5-V Digital Interface Compatible
Low Power: 216 mW Max
5-V Analog Single Supply Operation
Internal Voltage References . . . 50 PPM/°C
and ±5% Accuracy
Glueless DSP Interface
Parallel μC/DSP Interface
Integrated FIFO
Available in TSSOP Package
Pin Compatible Upgrade to THS10064

APPLICATIONS
Radar Applications
Communications
Control Applications
High-Speed DSP Front-End
Automotive Applications

DESCRIPTION
The THS1206 is a CMOS, low-power, 12-bit, 6 MSPS
analog-to-digital converter (ADC). The speed, resolution,
bandwidth, and single-supply operation are suited for
applications in radar, imaging, high-speed acquisition, and
communications. A multistage pipelined architecture with
output error correction logic provides for no missing codes
over the full operating temperature range. Internal control
registers are used to program the ADC into the desired
mode. The THS1206 consists of four analog inputs, which
are sampled simultaneously. These inputs can be selected
individually and configured to single-ended or differential
inputs. An integrated 16 word deep FIFO allows the
storage of data in order to take the load off of the processor
connected to the ADC. Internal reference voltages for the
ADC (1.5 V and 3.5 V) are provided.
An external reference can also be chosen to suit the dc
accuracy and temperature drift requirements of the
application. Two different conversion modes can be
selected. In single conversion mode, a single and
simultaneous conversion of up to four inputs can be
initiated by using the single conversion start signal
(CONVST). The conversion clock in single conversion
mode is generated internally using a clock oscillator
circuit. In continuous conversion mode, an external clock
signal is applied to the CONV_CLK input of the THS1206.
The internal clock oscillator is switched off in continuous
conversion mode.
The THS1206C is characterized for operation from 0°C to
70°C while the THS1206I is characterized for operation
from –40°C to 85°C. The THS1206Q is characterized to
meet the rigorous requirements of the automotive
environment from –40°C to 125°C. The THS1206M is
characterized for operation over the full military
temperature range of –55°C to 125°C.




Similar Part No. - THS1206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI2-THS1206 Datasheet
687Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
REVISED FEBRUARY 2003
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI-THS1206-EP Datasheet
750Kb / 43P
12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI2-THS1206-EP Datasheet
687Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
REVISED FEBRUARY 2003
More results


Similar Description - THS1206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1207 TI-THS1207 Datasheet
249Kb / 30P
12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206IDAR TI1-THS1206IDAR Datasheet
1Mb / 43P
12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG TO-DIGITAL CONVERTERS
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com