Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4001 Datasheet (PDF) - Texas Instruments

THS4001 Datasheet PDF - Texas Instruments
Part # THS4001
Download  THS4001 Download
File Size   553.32 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 270-MHz HIGH-SPEED AMPLIFIER

THS4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4001 Datasheet PDF - Texas Instruments

Part # THS4001
Download  THS4001 Click to download

File Size   553.32 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 270-MHz HIGH-SPEED AMPLIFIER

THS4001 Datasheet (HTML) - Texas Instruments


THS4001 Product details

Very High Speed
– 270 MHz Bandwidth (Gain = 1, –3 dB)
– 400 V/μsec Slew Rate
– 40-ns Settling Time (0.1%)
High Output Drive, IO = 100 mA
Excellent Video Performance
– 60 MHz Bandwidth (0.1 dB, G = 1)
– 0.04% Differential Gain
– 0.15° Differential Phase
Very Low Distortion
– THD = –72 dBc at f = 1 MHz
Wide Range of Power Supplies
VCC = ± 2.5 V to ± 15 V,
ICC = 7.5 mA
Evaluation Module Available

description
The THS4001 is a very high-performance,
voltage-feedback operational amplifier especially
suited for a wide range of video applications. The
device is specified to operate over a wide range of
supply voltages from ± 15 V to ± 2.5 V. With a
bandwidth of 270 MHz, a slew rate of over
400 V/μs, and settling times of less than 30 ns, the
THS4001 offers the unique combination of high
performance in an easy to use voltage feedback
configuration over a wide range of power supply
voltages.
The THS4001 is stable at all gains for both
inverting and noninverting configurations. It has a
high output drive capability of 100 mA and draws
only 7.5 mA of quiescent current. Excellent professional video results can be obtained with the differential
gain/phase performance of 0.04%/0.15° and 0.1 dB gain flatness to 60 MHz. For applications requiring low
distortion, the THS4001 is ideally suited with total harmonic distortion of –72 dBc at f = 1 MHz.




Similar Part No. - THS4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001 TI-THS4001 Datasheet
239Kb / 16P
270-MHz HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4001 NSC-THS4001 Datasheet
883Kb / 21P
THS4001
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
270MHZ HIGH SPEED AMPLIFIERS
THS4001CD TI-THS4001CD Datasheet
239Kb / 16P
270-MHz HIGH-SPEED AMPLIFIER
THS4001CD TI1-THS4001CD Datasheet
662Kb / 20P
270-MHz HIGH-SPEED AMPLIFIER
More results


Similar Description - THS4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001 TI-THS4001 Datasheet
239Kb / 16P
270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
Quad 60 MHz High Speed Operational Amplifier
logo
Analog Devices
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
270 MHz, 400 關A Current Feedback Amplifier
REV. A
logo
Texas Instruments
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
270 MHz, 400A Current Feedback Amplifier
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com