Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4302 Datasheet (PDF) - Texas Instruments

THS4302 Datasheet PDF - Texas Instruments
Part # THS4302
Download  THS4302 Download
File Size   774.3 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDEBAND FIXED-GAIN AMPLIFIER

THS4302 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4302 Datasheet PDF - Texas Instruments

Part # THS4302
Download  THS4302 Click to download

File Size   774.3 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDEBAND FIXED-GAIN AMPLIFIER

THS4302 Datasheet (HTML) - Texas Instruments


THS4302 Product details

1FEATURES
2· Fixed-Gain Amplifier, 5 V/V (14 dB)
· Wide Bandwidth: 2.4 GHz
· High Slew Rate: 5500 V/μs
· Low Total Input Referred Noise: 2.8 nV/√Hz
· Low Distortion
– HD 3: -86 dBc at 30 MHz
– HD3: -81 dBc at 70 MHz
– IMD3: -88 dBc at 100 MHz
– OIP3: 39 dBm at 100 MHz
– IMD3: -73 dBc at 300 MHz
– OIP3: 32 dBm at 300 MHz
· High Output Drive: ±180 mA
· Power Supply Voltage: 3 V or 5 V

APPLICATIONS
· Wideband Signal Processing
· Wireless Transceivers
· IF Amplifier
· ADC Preamplifier
· DAC Output Buffers
· Test, Measurement, and Instrumentation
· Medical and Industrial Imaging

DESCRIPTION
The THS4302 device is a wideband, fixed-gain
amplifier that offers high bandwidth, high slew rate,
low noise, and low distortion. This combination of
specifications enables analog designers to transcend current performance limitations and process analog
signals at much higher speeds than previously
possible with closed-loop, complementary amplifier
designs. This device is offered in a 16-pin leadless
package and incorporates a power-down mode for
quiescent power savings.




Similar Part No. - THS4302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTR TI-THS4302RGTR Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTR TI1-THS4302RGTR Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTRG4 TI-THS4302RGTRG4 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTT TI-THS4302RGTT Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
More results


Similar Description - THS4302

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
Wideband, Fixed Gain BUFFER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com