Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8136PHP Datasheet (PDF) - Texas Instruments

THS8136PHP Datasheet PDF - Texas Instruments
Part # THS8136PHP
Download  THS8136PHP Download
File Size   628.99 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC

THS8136PHP Datasheet (PDF)

Go To PDF Page Download Datasheet
THS8136PHP Datasheet PDF - Texas Instruments

Part # THS8136PHP
Download  THS8136PHP Click to download

File Size   628.99 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC

THS8136PHP Datasheet (HTML) - Texas Instruments


THS8136PHP Product details

1FEATURES
2• Triple 10-Bit Digital-to-Analog Converters
(DACs)
• 180-MSPS Operation
• Direct Drive of Double-Terminated 75-Ω Load
Into Standard Video Levels
• Bi-Level Sync and Blank Level Generation
• Internal Voltage Reference
• Low-Power Operation From 3.3-V Analog and
1.8-V Digital Supply Levels
• 1.8-V Compatible Inputs
• Qualified for Automotive Applications
(AEC-Q100 Rev G – THS8136IPHPQ1,
THS8136IPHPRQ1)

APPLICATIONS
• Graphics and Video Generation
• High-Resolution Image Processing
• Generic Triple D/A Converter

DESCRIPTION
The THS8136 is a general-purpose triple high-speed digital-to-analog (D/A) converter optimized for use in
video/graphics applications. The device operates from 3.3-V analog and 1.8-V digital supplies with D/A converter
performance assured at sampling rates up to 180 MHz. The THS8136 consists of three 10-bit D/A converters
and additional circuitry for bi-level sync and blanking level generation. The current-steering DACs have been
specifically designed to produce standard video output levels when directly connected to a single-ended doubleterminated
75-Ω coaxial cable.
By providing a dc offset in sync insertion mode, the THS8136 can generate a bi-level sync on the AG DAC
output without sacrificing DAC resolution. Support is also provided for insertion of RGB or YPbPr reference or
blanking levels, irrespective of the DAC input codes. A generic DAC mode is provided for applications not
requiring sync generation. All digital inputs are 1.8-V compatible.




Similar Part No. - THS8136PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8136PHP TI-THS8136PHP Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8136PHPR TI-THS8136PHPR Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
More results


Similar Description - THS8136PHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8083A TI-THS8083A Datasheet
267Kb / 64P
TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
logo
Texas Instruments
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com