Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCCHB Datasheet (PDF) - TT Electronics.

WCCHB Datasheet PDF - TT Electronics.
Part # WCCHB
Download  WCCHB Download
File Size   1494.82 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Low Profile Aluminium Housed Power Resistors

WCCHB Datasheet (PDF)

Go To PDF Page Download Datasheet
WCCHB Datasheet PDF - TT Electronics.

Part # WCCHB
Download  WCCHB Click to download

File Size   1494.82 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Low Profile Aluminium Housed Power Resistors

WCCHB Datasheet (HTML) - TT Electronics.


WCCHB Product details

· Low profile aluminium casing
· Up to 1.8kW rating on heatsink
· Up to 900W rating without heatsink
· Excellent pulse load performance
· Ideal for dynamic braking in 2 - 30kW drives
· High isolation voltage of 3.5kV
· RoHS compliant, non-flammable construction




Similar Part No. - WCCHB

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WCC AITSEMI-WCC Datasheet
300Kb / 7P
CHIP INDUCTOR
logo
TT Electronics.
WCC TTELEC-WCC Datasheet
1Mb / 2P
Thickfilm Chip Array Resistor Network
10.21
logo
Turck, Inc.
WCC-1138 TURCK-WCC-1138 Datasheet
125Kb / 2P
Accessories probe holder
2020-01-31
logo
AiT Semiconductor Inc.
WCC161010 AITSEMI-WCC161010 Datasheet
300Kb / 7P
CHIP INDUCTOR
logo
Whirlpool.
WCC31430A WHIRLPOOL-WCC31430A Datasheet
112Kb / 1P
Electric Built-in Cooktop
9/13/12
More results


Similar Description - WCCHB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Tyco Electronics
3-1630019-6 MACOM-3-1630019-6 Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
1773035 TEC-1773035 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com