Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7901 Datasheet (PDF) - Sealevel Systems, Inc.

7901 Datasheet PDF - Sealevel Systems, Inc.
Part # 7901
Download  7901 Download
File Size   684.19 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description 3U Compact PCI 2-Port RS-232, RS-422, RS-485 Serial Interface

7901 Datasheet (PDF)

Go To PDF Page Download Datasheet
7901 Datasheet PDF - Sealevel Systems, Inc.

Part # 7901
Download  7901 Click to download

File Size   684.19 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description 3U Compact PCI 2-Port RS-232, RS-422, RS-485 Serial Interface

7901 Datasheet (HTML) - Sealevel Systems, Inc.


7901 Product details

Features
• Two port field selectable RS-232, RS-422, or RS-485 interface
• Automatic RS-485 Enable and Disable
• Hot Swap compliant (PICMG 2.1 Rev. 3.0)
• PCI bus 2.2 compliant
• Universal 3.3 and 5V compatible
• Full RS-232 control signals supported
• 16850 buffered UART with 128-byte FIFO




Similar Part No. - 7901

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
79010 ALPHAWIRE-79010 Datasheet
407Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Intel Corporation
7901001QX INTEL-7901001QX Datasheet
542Kb / 11P
8-Bit Microprocessor
logo
Alpha Wire
79011 ALPHAWIRE-79011 Datasheet
407Kb / 4P
18 (16/30) AWG Tinned Copper
79012 ALPHAWIRE-79012 Datasheet
407Kb / 4P
18 (16/30) AWG Tinned Copper
79013 ALPHAWIRE-79013 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
More results


Similar Description - 7901

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Moxa Inc.
5200A MOXA-5200A Datasheet
3Mb / 7P
2-port RS-232/422/485 serial device servers
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
logo
Advantech Co., Ltd.
PCI-1602 ADVANTECH-PCI-1602 Datasheet
846Kb / 1P
2-port RS-232/422/485 PCI Communication Card
22-Aug-2019
MIC-3955 ADVANTECH-MIC-3955_V01 Datasheet
1Mb / 2P
3U CompactPCI짰 RS-232/422/485 Serial Communication Card
18-Feb-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com