Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2419 Datasheet (PDF) - Adafruit Industries

2419 Datasheet PDF - Adafruit Industries
Part # 2419
Download  2419 Download
File Size   1072.47 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Teensy-LC Without Pins

2419 Datasheet (PDF)

Go To PDF Page Download Datasheet
2419 Datasheet PDF - Adafruit Industries

Part # 2419
Download  2419 Click to download

File Size   1072.47 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Teensy-LC Without Pins

2419 Datasheet (HTML) - Adafruit Industries


2419 Product details

o Dimensions: 18mm x 37mm x 4mm / 0.7" x 1.5" x 0.2"
o Weight: 2.6g
o Processor: MKL26Z64VFT4
 Core: Coretx‐M0+
 Rated Speed: 48 MHz
o Flash Memory: 62 KB
 Bandwidth: 96 MB/sec
 Cache: 64 bytes
o RAM: 8 KB
o EEPROM: 1/8 (emu) KB
o Direct Memory Access: 4 channels
o Digital I/O: 27 Pins
 Voltage Output: 3.3V + one 5V
 Current Output: 5mA + four 20mA
 Voltage Input: 3.3V
o Analog Input: 13 pins
 Converters: 1
 Resolution: 16 bits
 Usable: 12 bits
 Prog Gain Amp: 0
 Touch Sensing: 11 pins
o Analog Output: 1 pins
 DAC Resolution: 12 bits
o Timers: 7 total
 FTM Type: 3
 PWM Outputs: 10 pins
 PDB Type: 0
 CMT (infrared) Type: 0
 LPTMR Type: 1
 PIT (interval) Type: 2
 Systick: 1
 RTC (date/time): 0
o Communication
 USB: 1
 Serial: 3
 With FIFOs: 0
 High Res Baud: 0
 Fast Clock: 1
 SPI: 2
 With FIFOs: 1
 I2C: 2
 CAN Bus: 0
 I2S Audio: 1
 FIFO Size: 4




Similar Part No. - 2419

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2419 ETC2-2419 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2419 HEYCO-2419 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2419 ASSUN-2419 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2419 ASSUN-2419 Datasheet
241Kb / 1P
STANDARD SERIES
2023-A
2419 ASSUN-2419 Datasheet
275Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results


Similar Description - 2419

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com