Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2438 Datasheet (PDF) - Adafruit Industries

2438 Datasheet PDF - Adafruit Industries
Part # 2438
Download  2438 Download
File Size   154.81 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Mini-DIN Connector Cable for iRobot Create 2 - 7 Pins - 6 feet

2438 Datasheet (PDF)

Go To PDF Page Download Datasheet
2438 Datasheet PDF - Adafruit Industries

Part # 2438
Download  2438 Click to download

File Size   154.81 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Mini-DIN Connector Cable for iRobot Create 2 - 7 Pins - 6 feet

2438 Datasheet (HTML) - Adafruit Industries


2438 Product details

o Length: 180cm / 6'
o Weight: 75g




Similar Part No. - 2438

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2438 KR-2438 Datasheet
26Kb / 2P
Video Filter
logo
Heyco.
2438 HEYCO-2438 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
List of Unclassifed Man...
24380 ETC2-24380 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
24380 ETC2-24380 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
24381 ETC2-24381 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
More results


Similar Description - 2438

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC15538 ETC2-SPC15538 Datasheet
106Kb / 1P
MINI-DIN JACK, 6 PINS NON-SHELD, PC BOARD MOUNT
logo
Assmann Electronics Inc...
AK323G-2-R ASSMANN-AK323G-2-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AK323G-5-R ASSMANN-AK323G-5-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AB401K-R ASSMANN-AB401K-R Datasheet
83Kb / 1P
MINI DIN 6 FRMALE
AB450K-R ASSMANN-AB450K-R Datasheet
82Kb / 1P
MINI DIN 6 MALE
AB406K-R ASSMANN-AB406K-R Datasheet
81Kb / 1P
MINI DIN 6 FEMALE
logo
Adam Technologies, Inc.
DIN-16MR-S32-B1CX ADAM-TECH-DIN-16MR-S32-B1CX Datasheet
88Kb / 1P
DIN TYPE 1/2 MALE 16 PINS
logo
Tripp Lite. All Rights ...
S528-02M TRIPPLITE-S528-02M Datasheet
161Kb / 2P
Mini SAS HD Cable (SFF-8644), External, 2 Meters (6.6 Feet) - 12 Gbps
logo
Schneider Electric
TCSMCN1F9M2P SCHNEIDER-TCSMCN1F9M2P Datasheet
91Kb / 3P
Modbus shielded cable - M12 connector - mini- DIN 8-way - 2 m
NOV 30, 2021
logo
IOGEAR
G2LVGAE006 IOGEAR-G2LVGAE006 Datasheet
122Kb / 2P
Ultra-Hi-Grade VGA Extension Cable 6 feet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com