Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLBS81-6 Datasheet (PDF) - OSRAM GmbH

SPLBS81-6 Datasheet PDF - OSRAM GmbH
Part # SPLBS81-6
Download  SPLBS81-6 Download
File Size   187.52 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Unmounted Laser Bars, 82.5% Filling Factor, 808 nm

SPLBS81-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLBS81-6 Datasheet PDF - OSRAM GmbH

Part # SPLBS81-6
Download  SPLBS81-6 Click to download

File Size   187.52 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Unmounted Laser Bars, 82.5% Filling Factor, 808 nm

SPLBS81-6 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SPLBS81-6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
More results


Similar Description - SPLBS81-6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG81-2S OSRAM-SPLBG81-2S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG81-9S OSRAM-SPLBG81-9S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBS94-2S OSRAM-SPLBS94-2S Datasheet
111Kb / 4P
Un-mounted Laser Bars, 82.5% Fill-factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
Un-mounted Laser Bars, 50 Fill-factor, 808 nm
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
Unmounted Laser Bars, 50% Fill Factor, 940nm
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com