Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3018 Datasheet (PDF) - Adafruit Industries

3018 Datasheet PDF - Adafruit Industries
Part # 3018
Download  3018 Download
File Size   710.32 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Explorer pHAT for Raspberry Pi Zero

3018 Datasheet (PDF)

Go To PDF Page Download Datasheet
3018 Datasheet PDF - Adafruit Industries

Part # 3018
Download  3018 Click to download

File Size   710.32 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Pimoroni Explorer pHAT for Raspberry Pi Zero

3018 Datasheet (HTML) - Adafruit Industries


3018 Product details

 Python API
 Four analog inputs - A tidy way to integrate analog signals into your
project.
 Two H-bridge motor drivers - Drive two 5V motors bidirectionally with up
to 200mA per channel. Ideal with our micro-metal gear-motors to create
the perfect little buggy! You can even soft-PWM for full speed control.
 Four buffered 5V tolerant inputs - Hook up your Pi to accept input from
5V systems (like Arduino Uno/Leonardo or 5V Trinkets). We've used a 5-
channel buffer that will accept anything from 2V-5V as logic high.
 Four powered 5V outputs (up to 500mA!) - The onboard darlington array
can supply up to 500mA per channel (but you'll be limited to driving
around 1A total from the board). Ideal for stepper motors, solenoids, and
relays.




Similar Part No. - 3018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3018 ETC2-3018 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
3018 ETC2-3018 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
American Electronic Com...
3018 AEC-3018 Datasheet
174Kb / 1P
Tilt Switch - Mercury
logo
Heyco.
3018 HEYCO-3018 Datasheet
135Kb / 1P
Large Dome Plugs
logo
KR Electronics, Inc.
3018-1 KR-3018-1 Datasheet
51Kb / 3P
30 MHz Lowpass
More results


Similar Description - 3018

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14039 SPARKFUN-DEV-14039 Datasheet
92Kb / 1P
Pimoroni Explorer HAT Pro
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
DEV-15945 SPARKFUN-DEV-15945 Datasheet
211Kb / 2P
SparkFun Qwiic pHAT V2.0 for Raspberry Pi
1??9??0
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
114992066 ETC-114992066 Datasheet
468Kb / 5P
RF Explorer IoT Touchscreen Kit For Raspberry Pi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com