Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3051 Datasheet (PDF) - Adafruit Industries

3051 Datasheet PDF - Adafruit Industries
Part # 3051
Download  3051 Download
File Size   336.31 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Relay Shield for Photon

3051 Datasheet (PDF)

Go To PDF Page Download Datasheet
3051 Datasheet PDF - Adafruit Industries

Part # 3051
Download  3051 Click to download

File Size   336.31 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Relay Shield for Photon

3051 Datasheet (HTML) - Adafruit Industries


3051 Product details

o Operating voltage: 7 to 15V DC
o Current consumption: 150mA min to 290mA (at 9V DC)
o Relay Max Voltage: 250V AC
o Relay Max Current: 10Amp at 125V AC
o Compatible with both the Core and the Photon.
o Dimensions: 152.7mm x 46mm x 18.2mm / 6" x 1.8" x 0.7"
o Weight: 82.




Similar Part No. - 3051

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
Line Filters
logo
List of Unclassifed Man...
3051 ETC2-3051 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Alpha Wire
3051 ALPHAWIRE-3051 Datasheet
2Mb / 49P
Hook-Up Wire
3051 ALPHAWIRE-3051 Datasheet
70Kb / 3P
Customer Specification
logo
Heyco.
3051 HEYCO-3051 Datasheet
135Kb / 1P
Large Dome Plugs
More results


Similar Description - 3051

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
B749 HAMAMATSU-B749 Datasheet
105Kb / 2P
Photon drag detector
logo
GE Solid State
CNY51 GESS-CNY51 Datasheet
166Kb / 4P
PHOTON COUPLED LSOLATOR
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
PHOTON COUPLED ISOLATOR
logo
SparkFun Electronics
DEV-13626 SPARKFUN-DEV-13626 Datasheet
869Kb / 13P
Photon Battery Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
Photon OLED Shield Hookup Guide
DEV-13629 SPARKFUN-DEV-13629 Datasheet
106Kb / 2P
SparkFun Photon IMU Shield
DEV-13674 SPARKFUN-DEV-13674 Datasheet
922Kb / 15P
Photon Weather Shield Hookup Guide V11
DEV-14477 SPARKFUN-DEV-14477 Datasheet
160Kb / 2P
SparkFun Qwiic Shield for Photon
12-4-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com