Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D068-CF02-07 Datasheet (PDF) - ebm-papst

M2D068-CF02-07 Datasheet PDF - ebm-papst
Part # M2D068-CF02-07
Download  M2D068-CF02-07 Download
File Size   191.44 Kbytes
Page   6 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description AC motor

M2D068-CF02-07 Datasheet (PDF)

Go To PDF Page Download Datasheet
M2D068-CF02-07 Datasheet PDF - ebm-papst

Part # M2D068-CF02-07
Download  M2D068-CF02-07 Click to download

File Size   191.44 Kbytes
Page   6 Pages
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst
Description AC motor

M2D068-CF02-07 Datasheet (HTML) - ebm-papst


M2D068-CF02-07 Product details

Technical features
Mass 1.5 kg
Size 68 mm
Surface of rotor Coated in black
Direction of rotation Clockwise, seen on rotor
Type of protection IP 44; Depending on installation and position
Insulation class "B"
Humidity class F0
Max. permissible ambient motor temp. (transp./ storage) + 80 °C
Min. permissible ambient motor temp. (transp./storage) - 40 °C
Mounting position Shaft horizontal or rotor on top; rotor on bottom on request
Condensate discharge holes None
Operation mode S1
Motor bearing Ball bearing
Touch current acc. IEC 60990 (measuring network Fig. 4, TN system) < 0.75 mA
Cable exit Axial
Protection class I (if protective earth is connected by customer)
Product conforming to standard EN 60335-1




Similar Part No. - M2D068-CF02-07

ManufacturerPart #DatasheetDescription
logo
ebm-papst
M2D068-CF EBMPAPST-M2D068-CF Datasheet
459Kb / 10P
direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
M2D068-CF EBMPAPST-M2D068-CF Datasheet
459Kb / 10P
AC axial fans
M2D068-CF EBMPAPST-M2D068-CF Datasheet
411Kb / 6P
AC axial fan sickle-shaped blades (S series), single-intake
2016-04-28
More results


Similar Description - M2D068-CF02-07

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
255QPC300KB5B ILLINOISCAPACITOR-255QPC300KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
255QPC350KB5B ILLINOISCAPACITOR-255QPC350KB5B Datasheet
141Kb / 1P
MOTOR RUN/AC
335QPC450KB8 ILLINOISCAPACITOR-335QPC450KB8 Datasheet
137Kb / 1P
MOTOR RUN/AC
355QPC350KB8 ILLINOISCAPACITOR-355QPC350KB8 Datasheet
137Kb / 1P
MOTOR RUN/AC
404QPC450KA3 ILLINOISCAPACITOR-404QPC450KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
405QPC250KA3 ILLINOISCAPACITOR-405QPC250KA3 Datasheet
170Kb / 1P
MOTOR RUN/AC
405QPC300KB8 ILLINOISCAPACITOR-405QPC300KB8 Datasheet
137Kb / 1P
MOTOR RUN/AC
405QPC370KB8 ILLINOISCAPACITOR-405QPC370KB8 Datasheet
137Kb / 1P
MOTOR RUN/AC
455QPC250KB5 ILLINOISCAPACITOR-455QPC250KB5 Datasheet
141Kb / 1P
MOTOR RUN/AC
logo
ebm-papst
M4Q045-CA03-51 EBMPAPST-M4Q045-CA03-51 Datasheet
268Kb / 4P
AC motor
2016-04-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com