Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THVD1500D Datasheet (PDF) - Texas Instruments

THVD1500D Datasheet PDF - Texas Instruments
Part # THVD1500D
Download  THVD1500D Download
File Size   518.46 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THVD1500 500 kbps RS-485 Transceivers With ±8-kV IEC ESD Protection

THVD1500D Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD1500D Datasheet PDF - Texas Instruments

Part # THVD1500D
Download  THVD1500D Click to download

File Size   518.46 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THVD1500 500 kbps RS-485 Transceivers With ±8-kV IEC ESD Protection

THVD1500D Datasheet (HTML) - Texas Instruments


THVD1500D Product details

1 Features
1• Meets or Exceeds the Requirements of the
TIA/EIA-485A Standard and the State Grid
Corporation of China (SGCC) Part 11 Serial
Communication Protocol RS-485 Standard
• 4.5 V to 5.5 V Supply Voltage
• Half-Duplex RS-422/RS-485
• Bus I/O Protection
– ± 16 kV HBM ESD
– ± 8 kV IEC 61000-4-2 Contact Discharge
– ± 10 kV IEC 61000-4-2 Air Gap Discharge
– ± 2 kV IEC 61000-4-4 Fast Transient Burst
• Extended Industrial Temperature Range: -40°C to
125°C
• Large Receiver Hysteresis for Noise Rejection
• Low Power Consumption
– Low Standby Supply Current: < 1 μA
– Quiescent During Operation: < 660 μA
• Glitch-Free Power-Up/Down for Hot Plug-in
Capability
• Open, Short, and Idle Bus Failsafe
• 1/8 Unit Load Options (Up to 256 Bus Nodes)
• Low EMI 500 kbps

2 Applications
• Electricity Meters (E-Meters)
• Inverters
• HVAC Systems
• Video Surveillance Systems

3 Description
THVD1500 is a robust half-duplex RS-485 transceiver
for industrial applications. The bus pins are immune
to high levels of IEC Contact Discharge ESD events
eliminating need of additional system level protection
components.
The device operates from a single 5-V supply. The
wide common-mode voltage range and low input
leakage on bus pins make THVD1500 suitable for
multi-point applications over long cable runs.
THVD1500 is available in industry standard 8-pin
SOIC package for drop-in compatibility. The device is
characterized from –40°C to 125°C.




Similar Part No. - THVD1500D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1500D TI1-THVD1500D Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500D TI2-THVD1500D Datasheet
518Kb / 30P
THVD1500 500 kbps RS-485 Transceivers With ±8-kV IEC ESD Protection
REVISED NOVEMBER 2018
THVD1500D.B TI2-THVD1500D.B Datasheet
518Kb / 30P
THVD1500 500 kbps RS-485 Transceivers With ±8-kV IEC ESD Protection
REVISED NOVEMBER 2018
THVD1500DR TI1-THVD1500DR Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1500DR TI2-THVD1500DR Datasheet
518Kb / 30P
THVD1500 500 kbps RS-485 Transceivers With ±8-kV IEC ESD Protection
REVISED NOVEMBER 2018
More results


Similar Description - THVD1500D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
logo
Analog Devices
ADM3061E AD-ADM3061E Datasheet
683Kb / 28P
IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
6/2019-Rev. E to Rev. F
ADM3061E AD-ADM3061E_V01 Datasheet
594Kb / 27P
3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. G
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM3061E AD-ADM3061E_V02 Datasheet
1Mb / 25P
3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com