Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL16L8 Datasheet (PDF) - Texas Instruments

PAL16L8 Datasheet PDF - Texas Instruments
Part # PAL16L8
Download  PAL16L8 Download
File Size   581.83 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT-X E PAL) CIRCUITS

PAL16L8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAL16L8 Datasheet PDF - Texas Instruments

Part # PAL16L8
Download  PAL16L8 Click to download

File Size   581.83 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT-X E PAL) CIRCUITS

PAL16L8 Datasheet (HTML) - Texas Instruments


PAL16L8 Product details

High-Performance Operation:
fmax (no feedback)
TIBPAL16R’ -5C Series . . . 125 MHz Min
TIBPAL16R’ -7M Series . . . 100 MHz Min
fmax (internal feedback)
TIBPAL16R’ -5C Series . . . 125 MHz Min
TIBPAL16R’ -7M Series . . . 100 MHz Min
fmax (external feedback)
TIBPAL16R’ -5C Series . . . 117 MHz Min
TIBPAL16R’ -7M Series . . . 74 MHz Min
Propagation Delay
TIBPAL16L8-5C Series . . . 5 ns Max
TIBPAL16L8-7M Series . . . 7 ns Max
TIBPAL16R’ -5C Series
(CLK-to-Q) . . . 4 ns Max
TIBPAL16R ’ -7M Series
(CLK-to-Q) . . . 6.5 ns Max
Functionally Equivalent, but Faster than,
Existing 20-Pin PLDs
Preload Capability on Output Registers
Simplifies Testing
Power-Up Clear on Registered Devices (All
Register Outputs are Set Low, but Voltage
Levels at the Output Pins Go High)
Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to Plastic
and Ceramic DIPs
Security Fuse Prevents Duplication

description
These programmable array logic devices feature high speed and functional equivalency when compared with
currently available devices. These IMPACT-XE circuits combine the latest Advanced Low-Power Schottky
technology with proven titanium-tungsten fuses to provide reliable, high-performance substitutes for
conventional TTL logic. Their easy programmability allows for quick design of custom functions and typically
results in a more compact circuit board.
The TIBPAL16’ C series is characterized from 0°C to 75°C. The TIBPAL16’ M series is characterized for
operation over the full military temperature range of –55°C to 125°C.




Similar Part No. - PAL16L8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAL16L8 TI-PAL16L8 Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
logo
Advanced Micro Devices
PAL16L8 AMD-PAL16L8 Datasheet
1Mb / 33P
20-PIN TTL PROGRAMMABLE ARRAY LOGIC
logo
National Semiconductor ...
PAL16L8 NSC-PAL16L8 Datasheet
448Kb / 14P
Progammable Array Logic Series 24 (PAL Series 24)
logo
Advanced Micro Devices
PAL16L8 AMD-PAL16L8 Datasheet
271Kb / 33P
20-Pin TTL Programmable Array Logic
logo
Texas Instruments
PAL16L8 TI-PAL16L8 Datasheet
645Kb / 27P
LOW-POWER HIGH-PERFORMANCE IMPACT
More results


Similar Description - PAL16L8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com