Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL20R6 Datasheet (PDF) - Texas Instruments

PAL20R6 Datasheet PDF - Texas Instruments
Part # PAL20R6
Download  PAL20R6 Download
File Size   430.41 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT™ PAL® CIRCUITS

PAL20R6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAL20R6 Datasheet PDF - Texas Instruments

Part # PAL20R6
Download  PAL20R6 Click to download

File Size   430.41 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE IMPACT™ PAL® CIRCUITS

PAL20R6 Datasheet (HTML) - Texas Instruments


PAL20R6 Product details

High-Performance: fmax (w/o feedback)
TIBPAL20R’ -15C Series . . . 45 MHz
TIBPAL20R’ -20M Series . . . 41.6 MHz
High-Performance . . . 45 MHz Min
Reduced ICC of 180 mA Max
Functionally Equivalent, but Faster Than
PAL20L8, PAL20R4, PAL20R6, PAL20R8
Power-Up Clear on Registered Devices (All
Register Outputs are Set Low, but Voltage
Levels at the Output Pins Go High)
Preload Capability on Output Registers
Simplifies Testing
Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to Plastic
and Ceramic DIPs

description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT™ circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for futher
reduction in board space.
Extra circuitry has been provided to allow loading of each register asynchronously to either a high or low state.
This feature simplifies testing because the registers can be set to an initial state prior to executing the test
sequence.
The TIBPAL20’ C series is characterized from 0°C to 75°C. The TIBPAL20’ M series is characterized for
operation over the full military temperature range of −55°C to 125°C.




Similar Part No. - PAL20R6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
PAL20R6 TOSHIBA-PAL20R6 Datasheet
424Kb / 8P
MOS DIGITAL INTERGRATED CIRCUIT SILICON GATE CMOS
logo
National Semiconductor ...
PAL20R6 NSC-PAL20R6 Datasheet
448Kb / 14P
Progammable Array Logic Series 24 (PAL Series 24)
logo
Texas Instruments
PAL20R6 TI-PAL20R6 Datasheet
922Kb / 17P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
logo
National Semiconductor ...
PAL20R6 NSC-PAL20R6 Datasheet
1Mb / 18P
Programmable Array Logic 24-Pin Medium PAL Series -7,-5,and -4
PAL20R6-4JC NSC-PAL20R6-4JC Datasheet
1Mb / 18P
Programmable Array Logic 24-Pin Medium PAL Series -7,-5,and -4
More results


Similar Description - PAL20R6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com