Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3695DR Datasheet (PDF) - Texas Instruments

TL3695DR Datasheet PDF - Texas Instruments
Part # TL3695DR
Download  TL3695DR Download
File Size   556.07 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL BUS TRANSCEIVER

TL3695DR Datasheet (PDF)

Go To PDF Page Download Datasheet
TL3695DR Datasheet PDF - Texas Instruments

Part # TL3695DR
Download  TL3695DR Click to download

File Size   556.07 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIFFERENTIAL BUS TRANSCEIVER

TL3695DR Datasheet (HTML) - Texas Instruments


TL3695DR Product details

Bidirectional Transceiver
Meets or Exceeds the Requirements of
TIA/EIA-422-B, TIA/EIA-485-A, and ITU
Recommendation V.11
High-Speed Advanced Low-Power Schottky
Circuitry
Low Skew . . . 6 ns Max
Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
Low Supply-Current Requirements . . .
30 mA Max
Wide Positive and Negative Input/Output
Bus-Voltage Ranges
Driver Output Capacity . . . ±60 mA
Thermal-Shutdown Protection
Driver Positive and Negative Current
Limiting
Receiver Input Impedances . . . 12 kΩ Min
Receiver Input Sensitivity . . . ±200 mV Max
Receiver Input Hysteresis . . . 120 mV Typ
Fail Safe . . . High Receiver Output With
Inputs Open
Operates From a Single 5-V Supply
Glitch-Free Power-Up and Power-Down
Protection
Interchangeable With National DS3695 and
DS3695A

description
The TL3695 differential bus transceiver is designed for bidirectional data communication on multipoint
bus-transmission lines. It is designed for balanced transmission lines and meets TIA/EIA-422-B,
TIA/EIA-485-A, and ITU Recommendation V.11.
The TL3695 combines a 3-state differential line driver and a differential input line receiver, both of which operate
from a single 5-V power supply. The driver and receiver have active-high and active-low enables, respectively,
which can be externally connected together to function as a directional control. The driver differential outputs
and the receiver differential inputs are connected internally to form a differential input/output (I/O) bus port that
is designed to offer minimum loading to the bus when the driver is disabled or VCC = 0. This port features wide
positive and negative common-mode voltage ranges, making the device suitable for party line applications.
The TL3695 is characterized for operation from 0°C to 70°C.




Similar Part No. - TL3695DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3695DR TI1-TL3695DR Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
TL3695DRE4 TI1-TL3695DRE4 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
TL3695DRG4 TI1-TL3695DRG4 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
More results


Similar Description - TL3695DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com