Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL499A Datasheet (PDF) - Texas Instruments

TL499A Datasheet PDF - Texas Instruments
Part # TL499A
Download  TL499A Download
File Size   401.18 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL499A Wide-Range Power-Supply Controllers

TL499A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL499A Datasheet PDF - Texas Instruments

Part # TL499A
Download  TL499A Click to download

File Size   401.18 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL499A Wide-Range Power-Supply Controllers

TL499A Datasheet (HTML) - Texas Instruments


TL499A Product details

1 Features
1• Internal Series-Pass and Step-Up Switching
Regulator
• Output Adjustable From 2.9 V to 30 V
• 1-V to 10-V Input for Switching Regulator
• 4.5-V to 32-V Input for Series Regulator
• Externally Controlled Switching Current
• No External Rectifier Required

2 Applications
• Voltage Boosting
• Dual-Supply Voltage Reglation AC•
Battery Back-Ups
• Microprocessor Memory Power

3 Description
The TL499A device is an integrated circuit designed
to provide a wide range of adjustable regulated
supply voltages. The regulated output voltage can be
varied from 2.9 V to 30 V by adjusting two external
resistors. When the TL499A is ac-coupled to line
power through a step-down transformer, it operates
as a series DC voltage regulator to maintain the regulated output voltage. With the addition of a
battery from 1.1 V to 10 V, an inductor, a filter
capacitor, and two resistors, the TL499A operates as
a step-up switching regulator during an AC-line
failure. The adjustable regulated output voltage makes the TL499A useful for a wide range of
applications. Providing backup power during an AC•
line failure makes the TL499A extremely useful in
microprocessor memory applications. The TL499AC
is characterized for operation from –20°C to +85°C.




Similar Part No. - TL499A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
TL499ACP TI-TL499ACP Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI-TL499ACP Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Similar Description - TL499A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
60W WIDE-RANGE POWER SUPPLY
Jan-2004
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
Wide power supply voltage range
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com