Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5002 Datasheet (PDF) - Texas Instruments

TL5002 Datasheet PDF - Texas Instruments
Part # TL5002
Download  TL5002 Download
File Size   524.19 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PULSE-WIDTH-MODULATION CONTROL CIRCUIT

TL5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL5002 Datasheet PDF - Texas Instruments

Part # TL5002
Download  TL5002 Click to download

File Size   524.19 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PULSE-WIDTH-MODULATION CONTROL CIRCUIT

TL5002 Datasheet (HTML) - Texas Instruments


TL5002 Product details

Complete PWM Power Control
3.6-V to 40-V Operation
Internal Undervoltage-Lockout Circuit
Oscillator Frequency . . . 20 kHz to 500 kHz
Variable Dead Time Provides Control Over
Total Range
Ideal Controller for DDR Memory
Application
Uncommitted Error Amplifier Inputs

description
The TL5002 incorporates on a single monolithic chip all the functions required for a pulse-width-modulation
(PWM) control circuit. Designed primarily for power-supply control, the TL5002 contains an error amplifier, a
regulator, an oscillator, a PWM comparator with a dead-time-control input, undervoltage lockout (UVLO), and
an open-collector output transistor.
The error-amplifier input common-mode voltage ranges from 0.9 V to 1.5 V. Dead-time control (DTC) can be
set to provide 0% to 100% dead time by connecting an external resistor between DTC and GND. The oscillator
frequency is set by terminating RT with an external resistor to GND. During low VCC conditions, the UVLO circuit
turns the output off until VCC recovers to its normal operating range.
The TL5002 is characterized for operation from −40°C to 85°C.




Similar Part No. - TL5002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002CD TI-TL5002CD Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5002CD TI1-TL5002CD Datasheet
463Kb / 18P
PULSE-SIDTH-MODULATION CONTROL CIRCUIT
TL5002CDG4 TI1-TL5002CDG4 Datasheet
463Kb / 18P
PULSE-SIDTH-MODULATION CONTROL CIRCUIT
TL5002CDR TI1-TL5002CDR Datasheet
463Kb / 18P
PULSE-SIDTH-MODULATION CONTROL CIRCUIT
More results


Similar Description - TL5002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com