Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5209 Datasheet (PDF) - Texas Instruments

TL5209 Datasheet PDF - Texas Instruments
Part # TL5209
Download  TL5209 Download
File Size   740.06 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown

TL5209 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL5209 Datasheet PDF - Texas Instruments

Part # TL5209
Download  TL5209 Click to download

File Size   740.06 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown

TL5209 Datasheet (HTML) - Texas Instruments


TL5209 Product details

1 Features
1• Adjustable Output Voltage
• 1%/2% Accuracy (25°C/Full Range)
• 500-mV (Maximum) Dropout at Full Load of
500 mA
• Tight Regulation Overtemperature Range
– 0.1%/V (Maximum) Line Regulation
– 0.7% (Maximum) Load Regulation
• Ultra Low-Noise Capability (300 nV/√Hz Typical)
• Shutdown Current of 3 μA (Maximum)
• Low Temperature Coefficient
• Current Limiting and Thermal Protection
• Stable With Minimum Load of 1 mA
• Reverse-Battery Protection reverse•
Applications
– Portable Applications (PDAs, Laptops,
Cell Phones)
– Consumer Electronics
– Post-Regulation for SMPS
• Available in Convenient SOIC-8 Surface-Mount
Package

2 Applications
• Set-Top Boxes
• PCs and Notebooks
• EPOS
• Building Automation

3 Description
The TL5209 device is 500-mA low-dropout (LDO)
regulator that is well suited for portable applications. It has a lower quiescent current than most traditional
PNP regulators and allows for a shutdown current of
0.05 μA (typical). The TL5209 also has very good
dropout voltage characteristics, requiring a maximum
dropout of 10 mV at light loads and 500 mV at full load. In addition, the LDO also has a 1% output
voltage accuracy and very tight line and load
regulation that is comparable to its CMOS
counterparts.
For noise-sensitive applications, the TL5209 allows
for low-noise capability through an external bypass capacitor connected to the BYP pin, which reduces
the output noise of the regulator. Other features
include current limiting, thermal shutdown, reverse•
battery protection, and low temperature coefficient.
The TL5209 is available with adjustable output.
Offered in an SOIC-8 surface-mount package, the
TL5209 is characterized for operation over the virtual junction temperature ranges of –40°C to 125°C.




Similar Part No. - TL5209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209 Datasheet
501Kb / 21P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18 TI-TL5209-18 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DCYR TI-TL5209-18DCYR Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DR TI-TL5209-18DR Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
More results


Similar Description - TL5209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
150-mA Low-noise Low-dropout Regulator With Shutdown
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
150-mA Low-noise Low-dropout Regulator With Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com