Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7660CD Datasheet (PDF) - Texas Instruments

TL7660CD Datasheet PDF - Texas Instruments
Part # TL7660CD
Download  TL7660CD Download
File Size   682.23 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS VOLTAGE CONVERTER

TL7660CD Datasheet (PDF)

Go To PDF Page Download Datasheet
TL7660CD Datasheet PDF - Texas Instruments

Part # TL7660CD
Download  TL7660CD Click to download

File Size   682.23 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS VOLTAGE CONVERTER

TL7660CD Datasheet (HTML) - Texas Instruments


TL7660CD Product details

FEATURES
· Simple Voltage Conversion, Including
– Negative Converter
– Voltage Doubler
· Wide Operating Range¼1.5 V to 10 V
· Requires Only Two External (Noncritical)
Capacitors
· No External Diode Over Full Temperature and
Voltage Range
· Typical Open-Circuit Voltage Conversion
Efficiency¼99.9%
· Typical Power Efficiency¼98%
· Full Testing at 3 V

APPLICATIONS
· On-Board Negative Supplies
· Data-Acquisition Systems
· Portable Electronics

DESCRIPTION/ORDERING INFORMATION
The TL7660 is a CMOS switched-capacitor voltage converter that perform supply-voltage conversions from
positive to negative. With only two noncritical external capacitors needed for the charge pump and charge
reservoir functions, an input voltage within the range from 1.5 V to 10 V is converted to a complementary
negative output voltage of –1.5 V to –10 V. The device can also be connected as a voltage doubler to generate
output voltages up to 18.6 V with a 10-V input.
The basic building blocks of the IC include a linear regulator, an RC oscillator, a voltage-level translator, and four
power MOS switches. To ensure latch-up-free operation, the circuitry automatically senses the most negative
voltage in the device and ensures that the N-channel switch source-substrate junctions are not forward biased.
The oscillator frequency runs at a nominal 10 kHz (for VCC = 5 V), but that frequency can be decreased by
adding an external capacitor to the oscillator (OSC) terminal or increased by overdriving OSC with an external
clock.
For low-voltage operation (VIN < 3.5 V), LV should be tied to GND to bypass the internal series regulator. Above
3.5 V, LV should be left floating to prevent device latchup.
The TL7660C is characterized for operation over a free-air temperature range of –40°C to 85°C. The TL7660I is
characterized for operation over a free-air temperature range of –40°C to 125°C.




Similar Part No. - TL7660CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7660CD TI-TL7660CD Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
TL7660CD TI1-TL7660CD Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
TL7660CDG4 TI1-TL7660CDG4 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
TL7660CDGKR TI-TL7660CDGKR Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
TL7660CDGKR TI1-TL7660CDGKR Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
More results


Similar Description - TL7660CD

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
12V CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com