Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2551CDGK Datasheet (PDF) - Texas Instruments

TLC2551CDGK Datasheet PDF - Texas Instruments
Part # TLC2551CDGK
Download  TLC2551CDGK Download
File Size   775.23 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN

TLC2551CDGK Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC2551CDGK Datasheet PDF - Texas Instruments

Part # TLC2551CDGK
Download  TLC2551CDGK Click to download

File Size   775.23 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN

TLC2551CDGK Datasheet (HTML) - Texas Instruments


TLC2551CDGK Product details

Maximum Throughput . . . 175/360 KSPS
INL/DNL: ±1 LSB Max, SINAD: 72 dB,
SFDR: 85 dB, fi = 20 kHz
SPI/DSP-Compatible Serial Interface
Single 5-V Supply
Rail-to-Rail Analog Input With 500 kHz BW
Three Options Available:
– TLC2551: Single Channel Input
– TLC2552: Dual Channels With
Autosweep
– TLC2555: Single Channel With
Pseudo-Differential Input
Low Power With Autopower Down
– Operating Current: 3.5 mA
Autopower Down: 8 μA
Small 8-Pin MSOP and SOIC Packages

description
The TLC2551, TLC2552, and TLC2555 are a family of high performance, 12-bit, low-power, miniature, CMOS
analog-to-digital converters (ADC). The TLC255x family uses a 5-V supply. Devices are available with single,
dual, or single pseudo-differential inputs. Each device has a chip select (CS), serial clock (SCLK), and serial
data output (SDO) that provides a direct 3-wire interface to the serial port of most popular host microprocessors
(SPI interface). When interfaced with a TMS320 DSP, a frame sync signal (FS) can be used to indicate the
start of a serial data frame on CS for all devices or on FS for the TLC2551.
The TLC2551, TLC2552, and TLC2555 are designed to operate with very low power consumption. The power
saving feature is further enhanced with an autopower-down mode. This product family features a high-speed
serial link to modern host processors with SCLK up to 20 MHz. The maximum SCLK frequency is dependent
upon the mode of operation (see Table 1). The TLC255x family uses SCLK as the conversion clock, which
provides synchronous operation and a minimum conversion time of 1.5 μs using a 20-MHz SCLK.




Similar Part No. - TLC2551CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551CDGK TI-TLC2551CDGK Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551CDGK TI1-TLC2551CDGK Datasheet
1Mb / 28P
5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551CDGKG4 TI1-TLC2551CDGKG4 Datasheet
1Mb / 28P
5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551CDGKR TI1-TLC2551CDGKR Datasheet
1Mb / 28P
5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results


Similar Description - TLC2551CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551 TI1-TLC2551_16 Datasheet
1Mb / 28P
5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com