Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC01 Datasheet (PDF) - Texas Instruments

TLC320AC01 Datasheet PDF - Texas Instruments
Part # TLC320AC01
Download  TLC320AC01 Download
File Size   725.86 Kbytes
Page   93 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply Analog Interface Circuit

TLC320AC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC320AC01 Datasheet PDF - Texas Instruments

Part # TLC320AC01
Download  TLC320AC01 Click to download

File Size   725.86 Kbytes
Page   93 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Supply Analog Interface Circuit

TLC320AC01 Datasheet (HTML) - Texas Instruments


TLC320AC01 Product details

Features
• General-Purpose Signal-Processing Analog Front End (AFE)
• Single 5-V Power Supply
• Power Dissipation . . . 100 mW Typ
• Signal-to-Distortion Ratio . . . 70 dB Typ
• Programmable Filter Bandwidths (Up to 10.8 kHz) and Synchronous ADC and DAC Sampling
• Serial-Port Interface
• Monitor Output With Programmable Gains of 0 dB, –8 dB, –18 dB, and Squelch
• Two Sets of Differential Inputs With Programmable Gains of 0 dB, 6 dB, 12 dB, and Squelch
• Differential or Single-Ended Analog Output With Programmable Gains of 0 dB, –6 dB, –12 dB,
and Squelch
• Differential Outputs Drive 3-V Peak Into a 600-Ω Differential Load
• Differential Architecture Throughout
• 1-μm Advanced LinEPIC Process
• 14-Bit Dynamic-Range ADC and DAC
• 2s-Complement Data Format
• Application Report Available†




Similar Part No. - TLC320AC01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC01 TI-TLC320AC01 Datasheet
392Kb / 90P
Single-Supply Analog Interface Circuit
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
Single-Supply Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C Datasheet
449Kb / 92P
Single-Supply Analog Interface Circuit
TLC320AC01CDW TI1-TLC320AC01CDW Datasheet
449Kb / 92P
Single-Supply Analog Interface Circuit
TLC320AC01CFN TI-TLC320AC01CFN Datasheet
392Kb / 90P
Single-Supply Analog Interface Circuit
More results


Similar Description - TLC320AC01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
ANALOG INTERFACE CIRCUIT
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
Single-Supply Analog Interface Circuit
TLC320AC02C TI-TLC320AC02C Datasheet
447Kb / 84P
Single-Supply Analog Interface Circuit
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
PDA ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
PDA ANALOG INTERFACE CIRCUIT
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
Single-Supply Analog Interface Circuit
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
PDA ANALOG INTERFACE CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com