Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC372 Datasheet (PDF) - Texas Instruments

TLC372 Datasheet PDF - Texas Instruments
Part # TLC372
Download  TLC372 Download
File Size   432.82 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS™ DUAL DIFFERENTIAL COMPARATORS

TLC372 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC372 Datasheet PDF - Texas Instruments

Part # TLC372
Download  TLC372 Click to download

File Size   432.82 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS™ DUAL DIFFERENTIAL COMPARATORS

TLC372 Datasheet (HTML) - Texas Instruments


TLC372 Product details

FEATURES
· Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
· Extended Temperature Performance of –55°C
to 125°C
· Enhanced Diminishing Manufacturing Sources
(DMS) Support
· Enhanced Product Change Notification
· Qualification Pedigree (1)
· ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 100 V
Using Machine Model (C = 200 pF, R = 0)
· Single or Dual-Supply Operation
· Wide Range of Supply Voltages . . .4 V to 18 V
· Very Low Supply Current Drain . . .150 mA Typ
at 5 V
· Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
· Built-in ESD Protection
· High Input Impedance . . . 1012W Typ
· Extremely Low Input Bias Current. . .5 pA Typ
· Ultrastable Low Input Offset Voltage
· Input Offset Voltage Change at Worst-Case
Input Conditions Typically 0.23 mV/Month,
Including the First 30 Days
· Common-Mode Input Voltage Range Includes
Ground
· Output Compatible With TTL, MOS, and CMOS
· Pin-Compatible With LM393

DESCRIPTION/ORDERING INFORMATION
This device is fabricated using LinCMOS™ technology and consists of two independent voltage comparators,
each designed to operate from a single power supply. Operation from dual supplies is also possible if the
difference between the two supplies is 4 V to 18 V. Each device features extremely high input impedance
(typically greater than 1012W), allowing direct interfacing with high-impedance sources. The outputs are
n-channel open-drain configurations and can be connected to achieve positive-logic wired-AND relationships.
The TLC372 has internal electrostatic discharge (ESD) protection circuits and has been classified with a 2000-V
ESD rating using human-body-model (HBM) testing. However, care should be exercised in handling this device
as exposure to ESD may result in a degradation of the device parametric performance.
The TLC372 is characterized for operation from –55°C to 125°C.




Similar Part No. - TLC372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372 TI-TLC372 Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372 Datasheet
1Mb / 27P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP Datasheet
550Kb / 17P
LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Similar Description - TLC372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC374 TI-TLC374 Datasheet
771Kb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC372-EP TI1-TLC372-EP Datasheet
550Kb / 17P
LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC374 TI1-TLC374_15 Datasheet
969Kb / 26P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com