Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC393 Datasheet (PDF) - Texas Instruments

TLC393 Datasheet PDF - Texas Instruments
Part # TLC393
Download  TLC393 Download
File Size   592.87 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR

TLC393 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC393 Datasheet PDF - Texas Instruments

Part # TLC393
Download  TLC393 Click to download

File Size   592.87 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR

TLC393 Datasheet (HTML) - Texas Instruments


TLC393 Product details

1FEATURES
2• Qualified for Automotive Applications
• AEC Q100 Qualified with the Following
Results:
– Device Temperature Grade 1: –40°C to
125°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• ESD Protection Exceeds 500 V Per
MIL-STD-883, Method 3015; Exceeds 50 V
Using Machine Model (C = 200 pF, R = 0)
• Low Power: 110 μW Typ at 5 V
• Fast Response Time: tPLH = 2.5 μs Typ With 5-
mV Overdrive
• Single Supply Operation:
– TLC393Q: 4 V to 16 V

APPLICATIONS
• Automotive Applications

DESCRIPTION
The TLC393 consists of dual independent micropower voltage comparators designed to operate from a single
supply. It is functionally similar to the LM393 but uses one-twentieth the power for similar response times. The
open-drain MOS output stage interfaces to a variety of loads and supplies. For a similar device with a push-pull
output configuration see the TLC3702 data sheet.
Texas Instruments LinCMOS™ process offers superior analog performance to standard CMOS processes. Along
with the standard CMOS advantages of low power without sacrificing speed, high input impedance, and low bias
currents, the LinCMOS™ process offers extremely stable input offset voltages, even with differential input
stresses of several volts. This characteristic makes it possible to build reliable CMOS comparators.
The TLC393Q is characterized for operation over the full automotive temperature range of TA = −40°C to 125°C




Similar Part No. - TLC393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC393 TI-TLC393 Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC393 TI-TLC393 Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393 TI2-TLC393 Datasheet
1Mb / 35P
DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR
REVISED JULY 2003
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
388Kb / 21P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
More results


Similar Description - TLC393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com